Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 20Page - STMicroelectronics LED2001PUR Datasheet HTML 21Page - STMicroelectronics LED2001PUR Datasheet HTML 22Page - STMicroelectronics LED2001PUR Datasheet HTML 23Page - STMicroelectronics LED2001PUR Datasheet HTML 24Page - STMicroelectronics LED2001PUR Datasheet HTML 25Page - STMicroelectronics LED2001PUR Datasheet HTML 26Page - STMicroelectronics LED2001PUR Datasheet HTML 27Page - STMicroelectronics LED2001PUR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Application information
LED2001
24/42
DocID024346 Rev 1
Equation 27
Example (see Section Example 1):
VIN=12 V, ILED=700 mA,
Δ
ILED/ILED=2%, VFW_LED=3.5 V, nLED=2.
A lower inductor value maximizes the inductor current slew rate for better dimming
performance. Equation 26 becomes:
Equation 28
which is satisfied selecting a10
μH inductor value.
The output capacitor value must be dimensioned according to Equation 27.
Finally, given the selected inductor value, a 2.2
μF ceramic capacitor value keeps the LED
current ripple ratio lower than the 2% of the nominal current. An output ceramic capacitor
type (negligible ESR) is suggested to minimize the ripple contribution given a fixed capacitor
value.
7.1.3
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current.
Since step-down converters draw current from the input in pulses, the input current is
squared and the height of each pulse is equal to the output current. The input capacitor
must absorb all this switching current, whose RMS value can be up to the load current
divided by two (worst case, with duty cycle of 50%). For this reason, the quality of these
capacitors must be very high to minimize the power dissipation generated by the internal
ESR, thereby improving system reliability and efficiency. The critical parameter is usually the
RMS current rating, which must be higher than the RMS current flowing through the
capacitor. The maximum RMS input current (flowing through the input capacitor) is:
Equation 29
where
η is the expected system efficiency, D is the duty cycle and IO is the output DC
current. Considering
η = 1 this function reaches its maximum value at D = 0.5 and the
Table 6. Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Wurth Elektronik
WE-HCI 7040
1 to 4.7
20 to 7
WE-HCI 7050
4.9 to 10
20 to 4.0
Coilcraft
XPL 7030
2.2 to 10
29 to 7.2
I
RIPPLE s=j
ω
⋅
()
Δ
I
RIPPLE_SPEC
Δ
=
ΔI
L
I
LED
-----------
0.5
=
I
RMS
I
O
D
2D
2
⋅
η
---------------
–
D
2
η
2
-------
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com