Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 11Page - STMicroelectronics LED2001PUR Datasheet HTML 12Page - STMicroelectronics LED2001PUR Datasheet HTML 13Page - STMicroelectronics LED2001PUR Datasheet HTML 14Page - STMicroelectronics LED2001PUR Datasheet HTML 15Page - STMicroelectronics LED2001PUR Datasheet HTML 16Page - STMicroelectronics LED2001PUR Datasheet HTML 17Page - STMicroelectronics LED2001PUR Datasheet HTML 18Page - STMicroelectronics LED2001PUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
DocID024346 Rev 1
15/42
LED2001
Application notes
The embedded compensation network is RC=70 K, CC=195 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 240 M
Ω, so the relevant
singularities are:
Equation 12
6.4
LED small signal model
Once the system reaches the working condition, the LEDs composing the row are biased
and their equivalent circuit can be considered as a resistor for frequencies << 1 MHz.
The LED manufacturer typically provides the equivalent dynamic resistance of the LED
biased at different DC currents. This parameter is required to study the behavior of the
system in the small signal analysis.
For instance, the equivalent dynamic resistance of the Luxeon III Star from Lumiled
measured with different biasing current level is reported below:
Equation 13
If the LED datasheet does not report the equivalent resistor value, it can be simply derived
as the tangent to the diode I-V characteristic in the present working point (see Figure 7).
f
Z
11 6 kHz
,
=
f
P LF
34 Hz
,
=
r
LED
1.3
Ω
I
LED
350mA
=
0.9
Ω
I
LED
700mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com