Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED2001PUR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LED2001PUR
Description  4 A monolithic step-down current source with synchronous rectification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2001PUR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LED2001PUR Datasheet HTML 10Page - STMicroelectronics LED2001PUR Datasheet HTML 11Page - STMicroelectronics LED2001PUR Datasheet HTML 12Page - STMicroelectronics LED2001PUR Datasheet HTML 13Page - STMicroelectronics LED2001PUR Datasheet HTML 14Page - STMicroelectronics LED2001PUR Datasheet HTML 15Page - STMicroelectronics LED2001PUR Datasheet HTML 16Page - STMicroelectronics LED2001PUR Datasheet HTML 17Page - STMicroelectronics LED2001PUR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Application notes
LED2001
14/42
DocID024346 Rev 1
Figure 6. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability but it is useful to reduce the noise at the output of the error amplifier.
The transfer function of the error amplifier and its compensation network is:
Equation 8
where Avo = Gm · Ro.
The poles of this transfer function are (if CC >> C0+CP):
Equation 9
Equation 10
whereas the zero is defined as:
Equation 11
+
-
CP
RC
CC
FB
COMP
dV
R0
Gm dV
V+
E/A
RC
CC
CP
C0
AM12897v1
A
0 s
()
A
V0
1s
+
R
c
C
c
⋅⋅
()
⋅
s
2
R
0
C
0
C
p
+
() R
c
C
c
sR
0
C
c
⋅
R
0
C
0
C
p
+
() R
c
C
c
⋅
+
⋅
+
() 1
+
⋅
+
⋅⋅
⋅
⋅
-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
f
P LF
1
2
π R
0
C
c
⋅⋅
⋅
----------------------------------
=
f
P HF
1
2
π R
c
C
0
C
p
+
()
⋅⋅
⋅
----------------------------------------------------
=
F
Z
1
2
π R
c
C
c
⋅⋅
⋅
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com