| Electronic Components Datasheet Search |
|
HM17CM256 Datasheet(PDF) 15 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HM17CM256 Datasheet(HTML) 15 Page - Hynix Semiconductor |
|
15 / 111 page ![]() HM17CM256 - 15 - (1-5) 4 line type serial interface 4 line serial interface by SDA and SCL is possible at chip selection state (CS=”L”) When chip is not selected, internal shift register and counter are reset to initial value. Serial input data from SDA are latched at the rising edge of serial clock (SCL) in the sequence of D7, , D1, D0 and converted into 8-bit parallel data at the rising edge of 8th serial clock. Serial data (SDA) are identified to display data or command by RS input. TABLE RS Data contents H command L Display data Make serial clock (SCL) “L” at the non-access period and after 8bit data transfer. SDA and SCL signals are sensitive to external noise. To prevent mal-function, chip selector state should be released (CS = “H”) after 8bit data transfer as shown in the following figure. 4 line serial interface (1-6) 3 line type serial interface 3-line serial interface by SDA and SCL is possible at chip selection state (CS=”L”) When chip is not selected, internal shift register and counter are reset to initial value. Input data from SDA are latched at the rising edge of serial clock (SCL) in the sequence of RS, D7 , ,D1, D0, and converted to 8bit parallel data and handled at the rising edge of 9th serial clock. Serial data (SDA) are identified to display data or command by RS bit data at the rising of first serial clock (SCL) and state of command data bit polarity shift pin (SPOL). TABLE SPOL=L SPOL=H RS Data identify RS Data identify L Display data L command H command H Display data D7 D6 D5 D4 D3 D2 D1 D0 VALID 1 2 3 4 5 6 7 8 CS RS SDA SCL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |