Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS91C8032 Datasheet(PDF) 97 Page - Hynix Semiconductor

Part # HMS91C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 Datasheet(HTML) 97 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 93Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 94Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 95Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 96Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 97Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 98Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 99Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 100Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 101Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
HMS91C8032/97C8032
94
NOV., 2001 Ver 1.02
RESET TIMING WAVEFORM
TIMER INPUT TIMING WAVEFORM
SERIAL INTERFACE(SIO) (TA = -40° to +85°, VDD = 3.5 to 5.5 V)
•
3-wire serial I/O mode (SCK0 … internal clock output)
* Note 1. When fx is 7.2 MHz
2. C is the load capacitance of SO0 output line.
3-wire serial I/O mode (SCK0 … external clock input)* Note 1. When fx is 7.2MHz.
* Note 1. When fx is 7.2 MHz
2. C is the load capacitance of SO0 output line.
Parameter
Symbol
Variable
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
TKCY1
Minimum : (1/fx)*2*8
2220Note1
ns
SCK0 high/low-level width
TKH1 /
TKL1
Minimum : TKCY1/2-100
1010Note1
ns
SIO setup time (to SCK0 )
TSIK1
300
ns
SIO hold time (to SCK0 )
TKSI1
400
ns
SO0 output delay time from SCK0
TKSO1
C = 100 pF Note2
300
ns
Parameter
Symbol
Variable
MIN.
TYP.
MAX.
Unit
SCK0 cycle time
TKCY2
Minimum : (1/fx)*2*8
2200Note1
ns
SCK0 high/low-level width
TKH2 /
TKL1
Minimum : TKCY2/2-100
1010Note1
ns
SIO setup time (to SCK0 )
TSIK2
100
ns
SIO hold time (to SCK0 )
TKSI2
400
ns
SO0 output delay time from SCK0
TKSO2
C = 100 pF Note2
300
ns
SCK0 at rising or falling edge time
TR2 , TF2
100
ns
TRSL
RESET
TTL
T0 to T4
1/fTM
TTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com