Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS91C8032 Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # HMS91C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 43Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 44Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 45Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 46Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 47Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 48Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 49Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 50Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 157 page
background image
HMS91C8032/97C8032
44
NOV., 2001 Ver 1.02
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter (TL1)
with automatic reload, as shown in Figure 4-7. Overflow from
TL1 not only sets TF1, but also reloads TL1 with the contents of
TH1, which is preset by software. The reload leaves TH1 un-
changed.Mode 2 operation is the same for Timer/Counter 0.
Mode 3
Timer 1 in Mode 3 simply holds its count. The effect is the same
as setting TR1 = 0.
Timer 0 in Mode 3 establishes TL0 and TH0 as two separate
counters. The logic for Mode 3 on Timer 0 is shown in Figure 4-8.
TL0 uses the Timer 0 control bits: C/T, GATE, TR0, INT0, and
TF0. TH0 is locked into a timer function (counting machine cy-
cles) and takes over the use of TR1 and TF1 from Timer 1. Thus,
TH0 now controls the "Timer 1" interrupt.
Mode 3 is provided for applications requiring an extra 8-bit timer
on the counter. With Timer 0 in Mode 3, an HMS9XC8032 can
look like it has three Timer/Counters. When Timer 0 is in Mode
3, Timer 1 can be turned on and off by switching it out of and into
its own Mode 3, or can still be used by the serial port as a baud
rate generator, or in fact, in any application not requiring an inter-
rupt.
Figure 4-5 TMOD Register
Figure 4-6 Timer/Counter Mode 0: 13-bit Counter
(MSB)
(LSB)
Gate
C/
M1
M0
Gate
C/
M1
M0
Gating Control when set. Timer/Counter
"x" is enabled only while "INTx" pin is high
and "TRx" control pin is set. When
cleared Timer "x" is enabled whenever
"TRx" control bit is set.
Gate
Timer or Counter Selector cleared for Timer
operation (imput from internal system clock).
Set for Counter operation (input from "Tx"
input pin).
C/
M0
M1
0
8048 Timer "TLx" serves as 5-bit prescaler.
0
1
16-bit Timer/Counter "THx" and "TLx" are
cascaded : there is no prescaler.
0
8-bit auto-reload Timer/Counter "THx" holds
a value which is to be reloaded into "TLx"
each time it overflows.
10
1
1
Operating
(Timer 0) TL0 is an 8-bit Timer/Counter
controlled by the standard Timer 0 control
bits. TH0 is an 8-bit timer only controlled by
Timer 1 control bits.
(Timer 1) Timer/Counter 1 stopped.
1
1
Timer 1
Timer 0
T
T
T
13-bit Timer/Counter
TL1
(8-Bits)
osc.
12
T1 Pin
Control
TH1
(8-Bits)
TF1
TR1
Gate
Interrupt
C/
= 0
T
C/
= 1
T
Pin
INT1
÷
fCPU
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com