Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS91C8032 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HMS91C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HMS91C8032 Datasheet HTML 1Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 2Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 3Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 4Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 5Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 6Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 7Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 8Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 157 page
background image
HMS91C8032/97C8032
2
NOV., 2001 Ver 1.02
1.3 Features
Item
Features
ROM
32K x 8-bit
RAM
1K x 8-bit
Instruction Cycle
With variable instruction execution time function
1.66
µs / 3.33µs / 26.6µs (with main system clock : 7.2MHz)
366.2
µs (with sub-system clock : 32.768KHz)
Instruction Set
MCS-51 Micro-controller Compatible Instruction Set
I/O Port
CMOS I/O : 62 pins (including 4-open drain ports)
A/D Converter
8-bit resolution x 8-channels
Serial Interface
3-wire serial I/O mode : 2 channels
Full duplex UART : 1 channel
Timer/Counter
Five 16-bit timers/event counters
Dedicated Watchdog timer
Buzzer(Beep) Output
1.2KHz (fx/6000), 2.4KHz (fx/3000), 4.5KHz (fx/1600), 8.0KHz (fx/900)
Interrupt Source
7 External, 11 Internal Sources
PLL
Frequency
Synthesizer
Division Mode
Direct division mode (VCOL pin)
Pulse swallow mode (VCOH and VCOL pins)
Reference
Frequency
13 types selected by program
1, 1.25, 2.5, 3, 5, 6.25, 9, 10, 12.5, 18, 20, 25, 50KHz
Charge Pump
Error out : EO pin
Phase Detector
Unlock detectable by program
Frequency Counter
Frequency Measurement
AMIFC pin : for 450KHz count
FMIFC pin : for 10.7MHz count
Standby Function
Idle mode
Power-down mode
Reset
Reset by RESET pin
Reset by Vdet circuit
Vdet circuit: Detection of less than 2.7V (Normal operation mode)
Power Supply Voltage
VDD = 4.5V to 5.5V (with PLL operating)
VDD > 1.8V (Data retention mode)
System Clock
Main system clock : 7.2MHz
Sub-system clock : 32.768KHz
Package
80 pin plastic MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com