Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS91C8032 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMS91C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 3Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 4Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 5Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 6Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 7Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 8Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 9Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 10Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 157 page
background image
HMS91C8032/97C8032
4
NOV., 2001 Ver 1.02
41
42
43
44
45
46
47
48
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
TxD
RxD
SCK1
SO1
SI1
SCK2
SO2
SI2
8-bit general purpose bidirectional
Pin
Input and output mode selected by
8-bit Port Mode Register.
In Input mode, pin can use on-chip
pullup resister by software.
TxD, RxD : Asynchronous serial
data pin
SI1, SI2, SO1, SO2 : Synchronous
serial data pin
SCK1, SCK2 : Clock pin for Syn-
chronous serial data
Input
49
50
51
52
53
54
55
56
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
8-bit general purpose bidirectional
Pin
Input and Output mode selected by
8-bit Port Mode Register.
In Input mode, pin can use on-chip
pullup resister by software.
Input
57
TstEn
Ground
This pin is oniy ground.
Chip test pin
GND
60
Avref+
A/D converter reference voltage input pin
In AD converter, signal from ANI0 ~ ANI7 change to digital signal by refer-
ence between AVref+ and VSS.
61
62
63
64
65
66
67
68
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
ANI0
ANI1
ANI2
ANI3
ANI4
ANI5
ANI6
ANI7
8-bit general purpose bidirectional
Pin
Input and output mode selected by
8-bit Port Mode Register.
In Input mode, pin can use on-chip
pullup resister by software.
A/D converter 8-channel analog
input pin
If pin is not used by A/D converter
input, can use to general-purpose
bidirectional pin.
Input voltage in ANI0 - ANI7 is
between Avref+ and VSS.
Input
69
AMIFC
AM IF input pin
70
FMIFC
FM IF input pin
72
VCOH
FM band VCO frequency input pin
73
VCOL
AM band VCO frequency input pin
75
EO
Error output pin in PLL part (charge pump output)
If tuning freq. = VCO freq., EO pin is floating.
If tuning freq. > VCO freq., EO pin is high.
If tuning freq. = VCO freq., EO pin is low.
76
RESET
Chip reset pin. Reset is active high.
77
Xin
Crystal oscillator input pin for main system clock
78
Xout
Main system clock output pin
79
Xtin
Crystal oscillator input pin for Sub system clock
80
Xtout
Sub system clock output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com