| Electronic Components Datasheet Search |
|
70353C Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70353C Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 76 page ![]() © 2008-2011 Microchip Technology Inc. DS70353C-page 21-3 Section 21. Enhanced Controller Area Network (ECAN™) 21 Figure 21-2 illustrates the general structure of the ECAN module and its interaction with the DMA Controller and device RAM. Figure 21-2: ECAN™ Interaction with DMA 21.1.1 ECAN Module The ECAN module consists of a protocol engine, message acceptance filters, and separate transmit and receive DMA interfaces. The protocol engine transmits and receives messages to and from the CAN bus (as per the CAN Specification 2.0B protocol). The user-configurable acceptance filters are used by the ECAN module to examine the received message and determine if it should be stored in the DMA message buffer or discarded. For received messages, the receive DMA interface generates a receive data interrupt to initiate a DMA cycle. The receive DMA channel reads data from the CiRXD register and writes it into the message buffer. For transmit messages, the transmit DMA interface generates a transmit data interrupt to start a DMA cycle. The transmit DMA channel reads from the message buffer and writes to the CiTXD register for message transmission. 21.1.2 Message Buffers The ECAN module supports up to 32 message buffers for storing data transmitted or received on the CAN bus. These buffers can be located anywhere in device RAM (start address of the buffer may be needed to be aligned on an address boundary). Message buffers 0-7 can be configured for either transmit or receive operation. Message buffers 8-31 are receive-only buffers and cannot be used for message transmission. 21.1.3 DMA Controller The DMA controller acts as an interface between the message buffers and ECAN to transfer data back and forth without CPU intervention. The DMA controller supports up to 15 channels for transferring data between the device RAM and the dsPIC33E/PIC24E device peripherals. Two separate DMA channels are required to support the CAN message transmission and the CAN message reception. Each DMA channel has a DMA Request register (DMAxREQ), which is used by the user application to assign an interrupt event to trigger a DMA-based message transfer. CiTX CiRX Message Buffer 0 Message Buffer 7 Message Buffer 8 Message Buffer 31 CAN Protocol Engine ECAN Transmit Register (CiTXD) Acceptance Filter 0-15 ECAN Receive Register (CiRXD) TX DMA Interface RX DMA Interface DMA Channel DMA Channel Message Buffer 1 ECAN™ Module Message Buffer (Device RAM) RX Request TX Request |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |