Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70353C Datasheet(PDF) 48 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 48 Page - Microchip Technology

Back Button 70353C Datasheet HTML 44Page - Microchip Technology 70353C Datasheet HTML 45Page - Microchip Technology 70353C Datasheet HTML 46Page - Microchip Technology 70353C Datasheet HTML 47Page - Microchip Technology 70353C Datasheet HTML 48Page - Microchip Technology 70353C Datasheet HTML 49Page - Microchip Technology 70353C Datasheet HTML 50Page - Microchip Technology 70353C Datasheet HTML 51Page - Microchip Technology 70353C Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-48
© 2008-2011 Microchip Technology Inc.
Example 21-5:
Code Example for Filtering Extended Data Frame
#include <p33Exxxx.h>
/* This code example demonstrates a method to configure the ECAN module to receive Extended
ID CAN messages. EID Messages with EID range 0x3FFC0-0x3FFFF will be accepted. */
/* Include fuse configuration code here. Optionally the fuse configuration can be specified
via MPLAB IDE Menu operations. */
FUSE_CONFIGURATION_MACROS_COME_HERE
#define NUM_OF_ECAN_BUFFERS 32
/* This is the ECAN message buffer declaration. Note the buffer alignment. */
unsigned int ecan1MsgBuf[NUM_OF_ECAN_BUFFERS][8]
__attribute__((aligned(NUM_OF_ECAN_BUFFERS * 16)));
int main(void)
{
unsigned long address;
/* Place code to set device speed here. For this example the device speed should be set at
40 MHz (i.e., the device is operating at 40 MIPS). */
ConfigureDeviceClockFor40MIPS();
/* The dsPIC33E device features I/O remap. This I/O remap configuration for the ECAN
module can be performed here. */
SetIORemapForECANModule();
/* Set up the ECAN1 module to operate at 250 kbps. The ECAN module should be first placed
in configuration mode. */
C1CTRL1bits.REQOP = 4;
while(C1CTRL1bits.OPMODE != 4);
C1CTRL1bits.WIN = 1;
/* Set up the CAN module for 250 kbps speed with 10 Tq per bit. */
C1CFG1 = 0x47;
// BRP = 8 SJW = 2 Tq
C1CFG2 = 0x2D2;
C1FCTRL = 0xC01F; // No FIFO, 32 Buffers
/* Configure Acceptance Filter Mask 1
* register to mask EID<5:0>
* Mask Bits (29-bits) : 0b1 1111 1111 1111 1111 1111 1100 0000
* SID<10:0> : 0b11111111111 ..SID<10:0> or EID<28:18>
* EID<17:16> : 0b11 ..EID<17:16>
* EID<15:0> : 0b1111111111000000 ..EID<15:0> */
C1RXM1SID = 0xFFEB;
C1RXM1EID = 0xFFC0;
/* Configure Acceptance Filter 2 to match extended identifier
* Filter Bits (29-bits) : 0b0 0000 0000 0011 1111 1111 11xx xxxx
* SID<10:0> : 0b00000000000 ..SID<10:0> or EID<28:18>
* EID<17:16> : 0b11 ..EID<17:16>
* EID<15:0> : 0b1111111111xxxxxx ..EID<15:0> */
C1RXF2SID = 0xB;
C1RXF2EID = 0xFFFF;
/* Acceptance Filter 2 to use Message Buffer 6 to store message */
C1BUFPNT1bits.F2BP = 0x6;
/* Filter 2 enabled for Identifier match with incoming message */
C1FEN1 = 0;
C1FEN1bits.FLTEN2 = 0x1;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com