Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70353C Datasheet(PDF) 16 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 16 Page - Microchip Technology

Back Button 70353C Datasheet HTML 12Page - Microchip Technology 70353C Datasheet HTML 13Page - Microchip Technology 70353C Datasheet HTML 14Page - Microchip Technology 70353C Datasheet HTML 15Page - Microchip Technology 70353C Datasheet HTML 16Page - Microchip Technology 70353C Datasheet HTML 17Page - Microchip Technology 70353C Datasheet HTML 18Page - Microchip Technology 70353C Datasheet HTML 19Page - Microchip Technology 70353C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-16
© 2008-2011 Microchip Technology Inc.
Register 21-9:
CiFMSKSEL2: ECAN Filter 15-8 Mask Selection Register
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F15MSK<1:0>
F14MSK<1:0>
F13MSK<1:0>
F12MSK<1:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F11MSK<1:0>
F10MSK<1:0>
F9MSK<1:0>
F8MSK<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
F15MSK<1:0>: Mask Source for Filter 15 bits
11 = Reserved; do not use
10 = Acceptance Mask 2 registers contain mask
01 = Acceptance Mask 1 registers contain mask
00 = Acceptance Mask 0 registers contain mask
bit 13-12
F14MSK<1:0>: Mask Source for Filter 14 bits (same values as bits 15-14)
bit 11-10
F13MSK<1:0>: Mask Source for Filter 13 bits (same values as bits 15-14)
bit 9-8
F12MSK<1:0>: Mask Source for Filter 12 bits (same values as bits 15-14)
bit 7-6
F11MSK<1:0>: Mask Source for Filter 11 bits (same values as bits 15-14)
bit 5-4
F10MSK<1:0>: Mask Source for Filter 10 bits (same values as bits 15-14)
bit 3-2
F9MSK<1:0>: Mask Source for Filter 9 bits (same values as bits 15-14)
bit 1-0
F8MSK<1:0>: Mask Source for Filter 8 bits (same values as bits 15-14)
Register 21-10: CiBUFPNT1: ECAN Filter 0-3 Buffer Pointer Register
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F3BP<3:0>
F2BP<3:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F1BP<3:0>
F0BP<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
F3BP<3:0>: RX Buffer Mask for Filter 3 bits
1111 = Filter hits received in RX FIFO buffer
1110 = Filter hits received in RX Buffer 14
•
•
•
0001 = Filter hits received in RX Buffer 1
0000 = Filter hits received in RX Buffer 0
bit 11-8
F2BP<3:0>: RX Buffer mask for Filter 2 bits (same values as bits 15-12)
bit 7-4
F1BP<3:0>: RX Buffer mask for Filter 1 bits (same values as bits 15-12)
bit 3-0
F0BP<3:0>: RX Buffer mask for Filter 0 bits (same values as bits 15-12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com