Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70353C Datasheet(PDF) 30 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 30 Page - Microchip Technology

Back Button 70353C Datasheet HTML 26Page - Microchip Technology 70353C Datasheet HTML 27Page - Microchip Technology 70353C Datasheet HTML 28Page - Microchip Technology 70353C Datasheet HTML 29Page - Microchip Technology 70353C Datasheet HTML 30Page - Microchip Technology 70353C Datasheet HTML 31Page - Microchip Technology 70353C Datasheet HTML 32Page - Microchip Technology 70353C Datasheet HTML 33Page - Microchip Technology 70353C Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-30
© 2008-2011 Microchip Technology Inc.
(
Buffer 21-3:
ECAN Message Buffer Word 2
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID<5:0>
RTR
RB1
bit 15
bit 8
U-x
U-x
U-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
RB0
DLC<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
EID<5:0>: Extended Identifier bits
bit 9
RTR: Remote Transmission Request bit
When IDE = 1:
1 = In case of Transmission, this will cause a Remote Frame to be transmitted. In case of Received
message, indicates a remote frame was received.
0 = Normal message
When IDE = 0:
The RTR bit is ignored.
bit 8
RB1: Reserved Bit 1
User application must set this bit to ‘0’ per CAN Specification.
bit 7-5
Unimplemented: Read as ‘0’
bit 4
RB0: Reserved Bit 0
User application must set this bit to ‘0’ per CAN Specification.
bit 3-0
DLC<3:0>: Data Length Code bits
Buffer 21-4:
ECAN Message Buffer Word 3
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Byte 1
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
Byte 0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
ECAN Message byte 1
bit 7-0
ECAN Message byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com