Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70353C Datasheet(PDF) 61 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 61 Page - Microchip Technology

Back Button 70353C Datasheet HTML 57Page - Microchip Technology 70353C Datasheet HTML 58Page - Microchip Technology 70353C Datasheet HTML 59Page - Microchip Technology 70353C Datasheet HTML 60Page - Microchip Technology 70353C Datasheet HTML 61Page - Microchip Technology 70353C Datasheet HTML 62Page - Microchip Technology 70353C Datasheet HTML 63Page - Microchip Technology 70353C Datasheet HTML 64Page - Microchip Technology 70353C Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-61
Section 21. Enhanced Controller Area Network (ECAN™)
21
21.9.4.2 STEP 2: CALCULATE THE BAUD RATE PRESCALER
(BRP<5:0> (CiCFG1<5:0>))
Equation 21-3 shows the formula for computing the baud rate prescaler.
Equation 21-3:
Baud Rate Prescaler
21.9.4.3 STEP 3: SELECT THE INDIVIDUAL BIT TIME SEGMENTS
The Individual Bit Time Segments are selected using the CiCFG2 register:
Bit Time = Sync Segment + Propagation Segment + Phase Segment 1 + Phase Segment 2
Example 21-8 shows the procedure to calculate the FTQ, to obtain a CAN Bus speed of 1 Mbps
when the dsPIC33E/PIC24E device is operating at 40 MHz.
Example 21-8:
CAN Bit Timing Calculation Example
A code example for configuring the ECAN bit timing parameters is shown in Example 21-9.
Note 1: (Propagation Segment + Phase Segment 1) must be greater than or equal to the
length of Phase Segment 2.
2: Phase Segment 2 must be greater than the Synchronous Jump Width.
BRP<5:0> (CiCFG1<5:0>)
FCAN
2
FTQ
×
()
-------------------------
1
–
=
Step 1: Calculate the FTQ.
If FBAUD = 1 Mbps, and the number of time quanta ‘N’ = 20, then FTQ = 20 MHz
Step 2: Calculate the baud rate prescaler.
BRP<5:0> (CiCFG1<5:0>) = [40000000/(2 * FTQ)] - 1 = 1 - 1 = 0
Step 3: Select the individual bit time segments.
Synchronization Segment = 1 TQ (constant)
Based on system characteristics, if Propagation Delay = 5 TQ, if the sample point is to be at
70% of Nominal Bit Time, then:
Phase Segment 2 = 30% of Nominal Bit Time = 6 TQ
Phase Segment 1 = 20 TQ - (1 TQ + 5 TQ + 6 TQ) = 8 TQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com