Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70353C Datasheet(PDF) 14 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 14 Page - Microchip Technology

Back Button 70353C Datasheet HTML 10Page - Microchip Technology 70353C Datasheet HTML 11Page - Microchip Technology 70353C Datasheet HTML 12Page - Microchip Technology 70353C Datasheet HTML 13Page - Microchip Technology 70353C Datasheet HTML 14Page - Microchip Technology 70353C Datasheet HTML 15Page - Microchip Technology 70353C Datasheet HTML 16Page - Microchip Technology 70353C Datasheet HTML 17Page - Microchip Technology 70353C Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-14
© 2008-2011 Microchip Technology Inc.
Register 21-5:
CiRXFnEID: ECAN Acceptance Filter Extended Identifier Register n (n = 0-15)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID<15:8>
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
EID<15:0>: Extended Identifier bits
1 = Message address bit, EIDx, must be ‘1’ to match filter
0 = Message address bit, EIDx, must be ‘0’ to match filter
Register 21-6:
CiRXMnSID: ECAN Acceptance Filter Mask Standard Identifier Register n (n = 0-2)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
bit 15
bit 8
R/W-x
R/W-x
R/W-x
U-0
R/W-x
U-0
R/W-x
R/W-x
SID2
SID1
SID0
—MIDE
—EID17
EID16
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
SID<10:0>: Standard Identifier bits
1 = Include bit, SIDx, in filter comparison
0 = Bit, SIDx, is a “don’t care” in filter comparison
bit 4
Unimplemented: Read as ‘0’
bit 3
MIDE: Identifier Receive Mode bit
1 = Match only message types (standard or extended address) that correspond to EXIDE bit in filter
0 = Match either standard or extended address message if filters match
(that is, if (Filter SID) = (Message SID), or if (Filter SID/EID) = (Message SID/EID))
bit 2
Unimplemented: Read as ‘0’
bit 1-0
EID<17:16>: Extended Identifier bits
1 = Include bit, EIDx, in filter comparison
0 = Bit, EIDx, is a don’t care in filter comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com