| Electronic Components Datasheet Search |
|
70353C Datasheet(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70353C Datasheet(HTML) 64 Page - Microchip Technology |
|
64 / 76 page ![]() dsPIC33E/PIC24E Family Reference Manual DS70353C-page 21-64 © 2008-2011 Microchip Technology Inc. A node starts out in the Error Active mode. When any one of the two Error Counters equals or exceeds a value of 127, the node enters a state known as Error Passive. When the Transmit Error Counter exceeds a value of 255, the node enters the Bus OFF state. • An Error Active node transmits an Active Error Frame when it detects errors • An Error Passive node transmits a Passive Error Frame when it detects errors • A node that is in the Bus OFF state transmits nothing on the bus In addition, the ECAN module employs an error warning feature that warns the user application (when the Transmit Error Counter equals or exceeds 96) before the node enters the Error Passive state, as illustrated in Figure 21-18. Figure 21-18: Error Modes 21.10.2.1 TRANSMITTER IN ERROR PASSIVE STATE The Transmitter Error Passive (TXBP) bit (CiINTF<12>) is set when the Transmit Error Counter equals or exceeds 128 and generates an error interrupt (CiINTF<5>) upon entry into the Error Passive state. The Transmit Error Passive flag is cleared automatically by the hardware, if the Transmit Error Counter becomes less than 128 or greater than 255. 21.10.2.2 RECEIVER IN ERROR PASSIVE STATE The Receiver Error Passive (RXBP) bit (CiINTF<11>) is set when the Receive Error Counter equals or exceeds 128 and generates an error interrupt (CiINTF<5>) upon entry into the Error Passive state. The Receive Error Passive flag is cleared automatically by the hardware, if the Receive Error Counter becomes less than 128 or greater than 255. 21.10.2.3 TRANSMITTER IN BUS OFF STATE The Transmitter Bus OFF (TXBO) bit (CiINTF<13>) is set when the Transmit Error Counter equals or exceeds 256 and generates an error interrupt (CiINTF<5>) 21.10.2.4 TRANSMITTER IN ERROR WARNING STATE The Transmitter Error Warn (TXWAR) bit (CiINTF<10>) is set when the Transmit Error Counter is in the range of 96 and 127 (inclusive), and generates an error interrupt (CiINTF<5>) upon entry into the Error Warn state. The Transmit Error Warn flag is cleared automatically by the hardware, if the Transmit Error Counter becomes less than 96 or greater than 127. 21.10.2.5 RECEIVER IN ERROR WARNING STATE The Receiver Error Warn (RXWAR) bit (CiINTF<9>) is set when the Receive Error Counter is in the range of 96 and 127 (inclusive) and generates an error interrupt (CiINTF<5>) upon entry into the Error Warn state. The Receive Error Warn flag is cleared automatically by the hardware if the Receive Error Counter becomes less than 96. Additionally, there is an Error State Warning Flag (EWARN) bit (CiINTF<8>), which is set if at least one of the error counters equals or exceeds the error warning limit of 96. EWARN is reset if both error counters are less than the error warning limit. Bus OFF Error Active Error Passive RERRCNT > 127 or TERRCNT > 127 RERRCNT < 127 and TERRCNT < 127 TERRCNT > 255 128 occurrences of 11 consecutive “recessive” bits Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |