Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 2Page - STMicroelectronics AN3105 Datasheet HTML 3Page - STMicroelectronics AN3105 Datasheet HTML 4Page - STMicroelectronics AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics AN3105 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Main characteristics and circuit description
AN3105
6/30
Doc ID 16774 Rev 2
With these modifications the circuit is able to keep the output current constant at 2.7 A down
to an output voltage value of around 30 V. This function can be used to optimize the voltage
drop and power dissipation in case current linear regulators are used to regulate the current
flowing in each LED strip. In case the output current is lower than the current loop setpoint,
the voltage loop takes over the operation regulating the output voltage at its nominal value,
like using the TS2431AILT.
1.5
L6599AT overload and short-circuit protection
The current flowing into the primary winding, proportional to the output load, is sensed by
the lossless circuit C34, R53, D19, D18, R57, and C35 and it is fed into the ISEN pin (#6) of
L6599AT. In the case of overcurrent, the voltage on the pin overpasses an internal threshold
(0.8 V), triggering a protection sequence. The capacitor (C21) connected to the DELAY pin
(#2) is charged by an internal 150 µA current generator. If the voltage on the pin reaches
2 V, the soft-start capacitor is completely discharged so that the switching frequency is
pushed to its maximum value. As the voltage on the pin exceeds 3.5 V the IC stops
switching and the internal generator is turned off, so that the voltage on the DELAY pin
decays because of the external resistor connected between the pin and GND. The L6599AT
is soft-restarted as the voltage drops below 0.3 V. In this way, under short-circuit conditions,
the converter works intermittently with low input average power, limiting the stress of
components during shorts.
1.6
Overvoltage and open-loop protection
Both circuit stages, PFC and resonant, are equipped with their own overvoltage protections.
The L6562AT PFC controller implements an overvoltage protection against the output
voltage variation due to the poor bandwidth of the error amplifier, happening in the case of
transients. Unfortunately it cannot protect the circuit in the case of a feedback loop failure
such as disconnection or deviation from the nominal value of the feedback loop divider. In
the case where a similar failure condition is detected, the L6599AT pin DIS (#8) stops the
operation and also stops the PFC operation by means of the L6599AT pin PFC_STOP (#9)
connected to the L6562AT pin INV (#1). The converter operation is latched until the VCC
capacitors are discharged, then a new startup sequence takes place automatically and the
converter resumes operation if the failure is removed or a new sequence is triggered. The
same sequence occurs also in the case of input voltage transients which may damage the
converter.
The DIS pin is also used to protect the resonant stage against loop failures. The Zener
diode D17 detects the auxiliary voltage generated by the LLC transformer. In the case of
loop failure, it conducts, and voltage on the DIS pin exceeds the internal threshold, latching
off the device. The L6562AT operation is also stopped by the PFC_STOP pin as in the
previous case, and after some time has elapsed the circuit restarts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com