Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics AN3105 Datasheet HTML 10Page - STMicroelectronics AN3105 Datasheet HTML 11Page - STMicroelectronics AN3105 Datasheet HTML 12Page - STMicroelectronics AN3105 Datasheet HTML 13Page - STMicroelectronics AN3105 Datasheet HTML 14Page - STMicroelectronics AN3105 Datasheet HTML 15Page - STMicroelectronics AN3105 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Functional check
AN3105
12/30
Doc ID 16774 Rev 2
is due to a small difference between each half-secondary leakage inductance of the
transformer reflected to the primary side, providing the two slightly different resonant
frequencies. This phenomenon is typically due to a different coupling of transformer
secondary windings and in this case it is not an issue. The slight asymmetry can also be
appreciated in Figure 8 (on the righthand side); the small ringing appearing on both
secondary rectifiers anode voltage indicates that for a short time the rectifiers are not
conducting; it demonstrates that during half cycle the circuit is working below the resonant
frequency while during the following half cycle it is working at resonance frequency.
In Figure 8 it is also possible to appreciate the rectifier operating voltage and its margin with
respect to the maximum reverse voltage (VRRM). This de-rating with respect to the rectifiers
VRRM guarantees good reliability of the output rectifiers increasing the board total MTBF.
Figure 8.
EVL130W-SL-EU demonstration board: primary and secondary side resonant stage
waveforms at 230 V - 50 Hz - full load
CH1: HB voltage
CH2: CF pin voltage
CH1: V_D12
CH2: V_D11
CH3: VCC
CH4: res. tank current
CH3: VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com