Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 4Page - STMicroelectronics AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics AN3105 Datasheet HTML 10Page - STMicroelectronics AN3105 Datasheet HTML 11Page - STMicroelectronics AN3105 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Efficiency measurement
AN3105
8/30
Doc ID 16774 Rev 2
2
Efficiency measurement
Table 1 shows the overall efficiency, measured at 230 VAC - 50 Hz with different loads.
At 230 VAC and full load the overall efficiency is 93.85%, making this design suitable for high
efficiency power supplies. The efficiency has been measured at 25%, 50%, 75%, and 100%,
the average efficiency calculated according to the ES-2 standard is 91.56%.
The measured output voltage at different load conditions is reported in Table 1. As seen, the
voltage is very stable over all the output load range.
The measured efficiency is shown on the lefthand side of the graph in Figure 3, while on the
righthand side of Figure 3 the efficiency, at maximum load and at minimum, nominal, and
maximum AC input voltage, is reported.
Figure 3.
EVL130W-SL-EU demonstration board efficiency diagrams
Table 1.
EVL130W-SL-EU demonstration board: overall efficiency vs. load
Load
230 V-50 Hz
VOUT [V]
IOUT [A]
POUT [W]
PIN [W]
Efficiency [%]
25% load
47.59
0.682
32.46
37.14
87.39%
50% load
47.55
1.37
65.14
70.89
91.89%
75% load
47.54
2.00
95.08
102.1
93.12%
100% load
47.54
2.74
130.26
138.8
93.85%
Average efficiency
91.56%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com