Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3105 Datasheet HTML 1Page - STMicroelectronics AN3105 Datasheet HTML 2Page - STMicroelectronics AN3105 Datasheet HTML 3Page - STMicroelectronics AN3105 Datasheet HTML 4Page - STMicroelectronics AN3105 Datasheet HTML 5Page - STMicroelectronics AN3105 Datasheet HTML 6Page - STMicroelectronics AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
September 2012
Doc ID 16774 Rev 2
1/30
AN3105
Application note
48 V - 130 W high efficiency converter with PFC for LED street
lighting applications - European version
By Claudio Spini
Introduction
Nowadays, LEDs are becoming ever more popular, thanks to their particular characteristics,
such as high efficiency and long life, and therefore they are pushing the innovation of current
lamp types and strongly contributing to reducing the energy consumption for internal or
external lighting. This is also the case in street lighting applications, where higher efficiency
and long life are vital for reducing costs.
For these reasons a street lighting power supply designed to power an LED lamp must have
high efficiency and at least a similar lifetime, in order to guarantee the maintenance free
operation required by these kinds of applications.
This application note describes the characteristics and features of a 130 W demonstration
board (EVL130W-SL-EU), tailored on an LED power supply specification for street lighting.
The circuit is composed of two stages; a front-end PFC using the L6562AT and an LLC
resonant converter based on the L6599AT.
The peculiarities of this design are; very high efficiency, extended European input mains
range (177-277 VAC) operation, and long term reliability.
Because reliability (MTBF - “Mean Time Between Failures”) in power supplies is typically
affected by electrolytic capacitors and their typical high failure rate, unless using very
expensive types, this board offers a very innovative design approach as the board doesn't
implement any electrolytic capacitors, which are replaced by film capacitors from EPCOS.
Component de-rating has also been carefully applied during the design phase, decreasing
the component stress as recommended by MIL-HDBK-217D. The number of components,
thanks to the use of the new L6562AT and L6599AT devices, has also been minimized,
therefore increasing the MTBF and optimizing the total component cost. Thanks to the high
efficiency achieved no heatsinks are required. The resonant stage power components are
SMT, like most of the passive components, therefore decreasing production costs.
The board also has protections in case of overload or short-circuit, open-loop by each stage,
or input overvoltage. Because of the particular application, all protections, in the case of
intervention, are auto-restart.
Figure 1.
EVL130W-SL-EU: 130 W SMPS for LED street lighting applications
www.st.com


Similar Part No. - AN3105

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN310 EXTECH-AN310 Datasheet
398Kb / 1P
AN300 Series Large Vane CFM/CMM Thermo-Anemometers
logo
Freescale Semiconductor...
AN3100 FREESCALE-AN3100 Datasheet
64Kb / 4P
General Purpose Amplifier Biasing
logo
STMicroelectronics
AN3100 STMICROELECTRONICS-AN3100 Datasheet
308Kb / 24P
Configuring the SPEAr3xx multi-port memory controller
12-Mar-2012
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
AN3106 STMICROELECTRONICS-AN3106 Datasheet
1Mb / 34P
The use and growing popularity of LEDS, thanks to their high efficiency
28-Sep-2012
More results

Similar Description - AN3105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5265 SANYO-2SC5265 Datasheet
85Kb / 3P
Inverter-controlled Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
Inverter Lighting Applications
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5417 SANYO-2SC5417 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
Inverter Lighting Applications
2SC5265LS SANYO-2SC5265LS Datasheet
37Kb / 4P
Inverter-Controlled Lighting Applications
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
Inverter Lighting Applications
logo
Microchip Technology
MCP1650 MICROCHIP-MCP1650_10 Datasheet
863Kb / 20P
Adding Intelligence to Lighting Applications
Summer 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com