Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 16Page - STMicroelectronics AN3105 Datasheet HTML 17Page - STMicroelectronics AN3105 Datasheet HTML 18Page - STMicroelectronics AN3105 Datasheet HTML 19Page - STMicroelectronics AN3105 Datasheet HTML 20Page - STMicroelectronics AN3105 Datasheet HTML 21Page - STMicroelectronics AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Bill of material
AN3105
20/30
Doc ID 16774 Rev 2
6
Bill of material
Table 4.
EVL130W-SL-EU demonstration board: bill of material
Des.
Part type/
part value
Case style/
package
Description
Supplier
C1
2N2-Y1
4.5 x 12.0
p.10 mm
Y1 safety cap. DE1E3KX222M
Murata
C10
1 µF
1206
50 V CERCAP - general purpose - X7R - 10%
TDK©
C11
220 nF
0805
16 V CERCAP - general purpose - X7R - 10%
Murata
C12
0R0
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY®
C13
10 µF
1210
25 V CERCAP - general purpose - X7R - 20%
TDK
C15
15 nF
0805
50 V CERCAP - general purpose - X7R - 10%
KEMET
C16
220 pF
0805
50 V CERCAP - general purpose - COG - 5%
KEMET
C17
4.7 µF
7.8 x 7.8
p. 5
63 V - MKT film cap. - B32529D0475M000
EPCOS
C18
4.7 µF
7.8 x 7.8
p. 5
63 V - MKT film cap. - B32529D0475M000
EPCOS
C19
100 nF
0805
100 V CERCAP - general purpose - X7R - 10%
AVX
C2
470 nF - X2
9.0 × 18.0
p.15 mm
X2 - MKP film cap. - B32922C3474K
EPCOS
C20
15 nF
DWG - 5 x 18
p.15 mm
1000 V - MKP film cap. - B32652A0153K000
EPCOS
C21
220 nF
0805
16 V CERCAP - general purpose - X7R - 10%
Murata
C22
100 nF
1206
50 V CERCAP - general purpose - X7R - 10%
KEMET
C24
4.7 µF
0805
6.3 V CERCAP - general purpose - X5R - 10%
EPCOS
C25
470 pF
0805
50 V CERCAP - general purpose - COG - 5%
EPCOS
C26
4.7 nF
0805
50 V CERCAP - general purpose - X7R - 10%
KEMET
C27
220 nF
0805
50 V CERCAP - general purpose - X7R - 10%
Murata
C3
470 nF - X2
9.0 × 18.0 p.
15 mm
X2 - MKP film cap. - B32922C3474K
EPCOS
C30
10 µF
1210
25 V CERCAP - general purpose - X7R - 20%
TDK
C31
220 nF
0805
16 V CERCAP - general purpose - X7R - 10%
Murata
C32
220 nF
0805
16 V CERCAP - general purpose - X7R - 10%
Murata
C33
10 nF
0805
50 V CERCAP - general purpose - X7R - 10%
KEMET
C34
220 pF
1206
1 KV high voltage CERCAP - X7R - 10%
AVX
C35
220 nF
0805
16 V CERCAP - general purpose - X7R - 10%
Murata
C36
N. M.
0805
Not mounted
C37
N. M.
0805
Not mounted
C38
N. M.
0805
Not mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com