Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics AN3105 Datasheet HTML 25Page - STMicroelectronics AN3105 Datasheet HTML 26Page - STMicroelectronics AN3105 Datasheet HTML 27Page - STMicroelectronics AN3105 Datasheet HTML 28Page - STMicroelectronics AN3105 Datasheet HTML 29Page - STMicroelectronics AN3105 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AN3105
Transformer specification
Doc ID 16774 Rev 2
27/30
8
Transformer specification
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: horizontal type, 7 + 7 pins, two slots
●
Max. temp. rise: 45 °C
●
Max. operating ambient temperature: 60 °C
●
Mains insulation: acc. With EN60950
Electrical characteristics
●
Converter topology: half-bridge, resonant
●
Core type: ETD34-PC44 or equivalent
●
Min. operating frequency: 70 kHz
●
Typical operating frequency: 100 kHz
●
Primary inductance: 770 µH ± 15% at 1 kHz - 0.25 V(b)
●
Leakage inductance: 170 µH at 100 kHz - 0.25 V(c)
Electrical diagram and winding characteristics
Figure 19.
Transformer electrical diagram
b.
Measured between pins 2-4.
c.
Measured between pins 2-4 with only one secondary winding shorted. The difference between the two
measured leakage inductances must be < 10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com