Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 20Page - STMicroelectronics AN3105 Datasheet HTML 21Page - STMicroelectronics AN3105 Datasheet HTML 22Page - STMicroelectronics AN3105 Datasheet HTML 23Page - STMicroelectronics AN3105 Datasheet HTML 24Page - STMicroelectronics AN3105 Datasheet HTML 25Page - STMicroelectronics AN3105 Datasheet HTML 26Page - STMicroelectronics AN3105 Datasheet HTML 27Page - STMicroelectronics AN3105 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Bill of material
AN3105
24/30
Doc ID 16774 Rev 2
R57
100
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R58
150 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R59
1.5
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R6
1.0 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
R60
8.2 K
Ω
0805
SMD standard film res. - 1/8 W - 1% - 100 ppm/°C
VISHAY
R61
N. M.
1206
Not mounted
R62
100 K
Ω
0805
SMD standard film res. - 1/8 W - 5% - 250 ppm/°C
VISHAY
R7
2.0 M
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R8
120 K
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
R9
1.5 M
Ω
1206
SMD standard film res. - 1/4 W - 1% - 100 ppm/°C
VISHAY
RV1
300 VAC
dia. 15 x 5 p.
7.5 mm
300 V metal oxide varistor - B72214S0301K101
EPCOS
RX1
0
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
RX2
0
Ω
1206
SMD standard film res. - 1/4 W - 5% - 250 ppm/°C
VISHAY
T1
1860.0013
DWG - ETD34
Resonant power transformer
MAGNETICA
U1
L6562ATD
SO-8
TM PFC controller
STMicroelectronics
U2
L6599ATD
SO-16
Improved HV resonant controller
STMicroelectronics
U3
SFH617A-
2X009
SMD4 - 10.16
MM
Optocoupler
VISHAY
U4
SEA05 - N. M.
SOT-23-6L
CC/CV controller – not mounted
STMicroelectronics
U5
TS2431AILT
SOT-23
Programmable shunt voltage reference
STMicroelectronics
Z1
PCB REV. 0.2
Table 4.
EVL130W-SL-EU demonstration board: bill of material (continued)
Des.
Part type/
part value
Case style/
package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com