Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 13Page - STMicroelectronics AN3105 Datasheet HTML 14Page - STMicroelectronics AN3105 Datasheet HTML 15Page - STMicroelectronics AN3105 Datasheet HTML 16Page - STMicroelectronics AN3105 Datasheet HTML 17Page - STMicroelectronics AN3105 Datasheet HTML 18Page - STMicroelectronics AN3105 Datasheet HTML 19Page - STMicroelectronics AN3105 Datasheet HTML 20Page - STMicroelectronics AN3105 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AN3105
Functional check
Doc ID 16774 Rev 2
17/30
4.6
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. In Figure 13 and 14 the thermal measurements of the board, both sides, at nominal
input voltage are shown. Some pointers visible on the images have been placed across key
components. The ambient temperature during both measurements was 27 °C.
Figure 13.
Thermal map at 230 VAC - 50 Hz - full load - PCB top side
Table 2.
Thermal maps reference points - PCB top side
Point
Reference
Description
A
L2
EMI filtering inductor
B
L1
PFC inductor
C
D3
Bridge rectifier
D
Q2
PFC MOSFET
E
L3
Output filter inductor
F
T1
Resonant power transformer - primary winding
G
T1
Resonant power transformer - ferrite core
H
T1
Resonant power transformer - secondary winding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com