Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3105 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3105
Description  lighting applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3105 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3105 Datasheet HTML 7Page - STMicroelectronics AN3105 Datasheet HTML 8Page - STMicroelectronics AN3105 Datasheet HTML 9Page - STMicroelectronics AN3105 Datasheet HTML 10Page - STMicroelectronics AN3105 Datasheet HTML 11Page - STMicroelectronics AN3105 Datasheet HTML 12Page - STMicroelectronics AN3105 Datasheet HTML 13Page - STMicroelectronics AN3105 Datasheet HTML 14Page - STMicroelectronics AN3105 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AN3105
Functional check
Doc ID 16774 Rev 2
11/30
4
Functional check
4.1
PFC circuit
On the lefthand side of Figure 7, some waveforms relevant to the PFC stage have been
captured; the envelope of CS pin (#4) waveforms of the L6562AT is in phase with the MULT
pin (3#) and has the same sinusoidal shape, demonstrating the correct functioning of the
PFC stage. It is also possible to measure the peak-to-peak value of voltage ripple over
imposed to the PFC output voltage; this is due to the low value of the PFC output capacitors.
On the righthand side of Figure 7 the details of some waveforms at switching frequency are
given.
Figure 7.
EVL130W-SL-EU demonstration board: PFC stage and L6562AT waveforms at 230 V -
50 Hz - full load – detail
4.2
Half-bridge resonant LLC circuit
Some waveforms relevant to the resonant stage during steady-state operation are given in
the following pages. The resonant stage switching frequency is about 100 kHz, in order to
have a good trade off between transformer losses and dimensions.
The LLC converter has been designed to operate at nominal voltage and full load at the
resonance frequency, but due to the PFC output voltage ripple at twice the mains frequency
it is driven slightly above and below the resonant tank frequency, according to the
instantaneous value of PFC output voltage.
In Figure 8 (on the lefthand side) some waveforms relevant to the resonant stage ZVS
operation are shown; it is possible to see that both MOSFETs are turned on when resonant
current is flowing through their body diodes and therefore drain-source voltage is almost
zero, achieving good efficiency because the turn-on losses are negligible. The HB MOSFET
voltage de-rating and low operating temperature allow the board MTBF to be increased.
The current flowing in the resonant tank is sinusoidal; in Figure 8 it is possible to appreciate
a slight asymmetry of operating modes by each half portion of the sinewave; half cycle is
working at resonant frequency while the other is working above the resonant frequency. This
CH2: VOUT PFC
CH3: CS
CH1: Vdrain_Q2
CH2: VOUT PFC
CH4: MULT
CH3: CS
CH4: ZCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com