Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 2Page - STMicroelectronics AN4092 Datasheet HTML 3Page - STMicroelectronics AN4092 Datasheet HTML 4Page - STMicroelectronics AN4092 Datasheet HTML 5Page - STMicroelectronics AN4092 Datasheet HTML 6Page - STMicroelectronics AN4092 Datasheet HTML 7Page - STMicroelectronics AN4092 Datasheet HTML 8Page - STMicroelectronics AN4092 Datasheet HTML 9Page - STMicroelectronics AN4092 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Power Management Controller (PMC)
AN4092
6/38
Doc ID 023080 Rev 2
1
Power Management Controller (PMC)
The SPC564Axx / SPC563Mxx devices require three separate power supplies, nominally:
●
5V (VDDREG, VDDEHx, VDDA);
●
3.3V (VRC33, VDDEHx, VDDEx);
●
1.2V (VDD, VDDPLL);
In addition, an optional 0.95 - 1.2 / 2 - 5.5 V Vstby for the SRAM stand-by functionality may
be required(a).
Different modes of operations are possible:
●
Single 5V system power supply (SPC564Axx: QFP176 only, SPC563Mxx: QFP144
only)
●
Three external power supplies
●
5V and 3.3V provided externally (1.2 V internally controlled)
●
5V and 1.2V provided externally (3.3 V internally generated)
1.1
Single 5 V system power supply
The SPC564Axx in QFP176 and the SPC563Mxx in QFP144 devices can operate from a
single 5 volt system power supply. An on-chip regulator is provided for 3.3 volts, and an on-
chip regulator controller is provided for the 1.2 volt supply. The 1.2 volt controller requires an
external NPN ballast transistor and external bypassing for proper operation. This section
covers the requirements for the regulator controller and the bypass capacitors for the
device.
The Voltage Regulator Supply (VDDREG) is the 5V input to the internal 3.3V regulator and
the 1.2 regulator controller. This input can be tied to VSS to disable these feature. However
grounding VDDREG disables also the low voltage inhibit (LVI) circuit. Refer to Section 1.2:
External power supply configuration for more details.
The SPC564Axx in BGA324 and the SPC563Mxx in QFP176 devices instead cannot
operate from a single 5 volt system power supply. Most of the SPC564Axx EBI interface
pins (main difference between BGA324 and QFP176) can’t be powered with 5V, therefore
an additional external voltage supply (3.3 V) is needed. Similarly, SPC563Mxx QFP176
Nexus pins (ALT_MDOx, ALT_MSEOx, ALT_EVTI, ALT_EVTO and ALT_MCKO) must be
supplied with 3.3 V.
1.1.1
External power supply slew rate
Make sure that all power supply ramps are not too fast and in line to what is specified in the
device datasheet. Higher slew rates might cause false ESD trigger.
1.1.2
3.3 V power supply
The 3.3V regulator circuitry is completely contained within the device and it requires only the
5V input supply (VDDREG) and a bypass capacitor on the regulator output(s), VRC33. This
a.
Refer to Section 1.6: Stand-by RAM functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com