Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 27Page - STMicroelectronics AN4092 Datasheet HTML 28Page - STMicroelectronics AN4092 Datasheet HTML 29Page - STMicroelectronics AN4092 Datasheet HTML 30Page - STMicroelectronics AN4092 Datasheet HTML 31Page - STMicroelectronics AN4092 Datasheet HTML 32Page - STMicroelectronics AN4092 Datasheet HTML 33Page - STMicroelectronics AN4092 Datasheet HTML 34Page - STMicroelectronics AN4092 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
AN4092
Reset
Doc ID 023080 Rev 2
31/38
5
Reset
In the SPC564Axx / SPC563Mxx devices two reset related pins are implemented:
●
/RESET
●
/RSTOUT
being respectively the reset input and the reset output.
5.1
/RESET
The /RESET pin is an active low input. The RESET pin is asserted by an external device
during a power-on or external reset. The internal reset signal asserts only if the RESET pin
asserts for 10 clock cycles.
Assertion of the /RESET pin while the device is in reset causes the reset cycle to start over.
The /RESET pin has a glitch detector which detects spikes greater than two clocks in
duration that fall below the switch point of the input buffer logic of the VDDEH input pins.
The switch point lies between the maximum VIL and minimum VIH specifications for the
VDDEH input pins.
5.2
/RSTOUT
The /RSTOUT pin is an active low output that uses a push/pull configuration. The /RSTOUT
pin is driven to the low state by the MCU for all internal and external reset sources.
Depending on the PLL configuration, External Reference or Crystal Mode, the /RSTOUT pin
is asserted after a different delay depending on the reset source(o), plus four cycles for
sampling of the configuration pins.
The /RSTOUT pin can also be asserted by a write to the SER bit of the System Reset
Control Register (SIU_SRCR).
5.3
Reset source description
The table below summarizes the reset sources and their effect on the system.
o.
Refer to the device reference manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com