Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 8Page - STMicroelectronics AN4092 Datasheet HTML 9Page - STMicroelectronics AN4092 Datasheet HTML 10Page - STMicroelectronics AN4092 Datasheet HTML 11Page - STMicroelectronics AN4092 Datasheet HTML 12Page - STMicroelectronics AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Power Management Controller (PMC)
AN4092
12/38
Doc ID 023080 Rev 2
Figure 3.
Inrush current example - without collector resistor
Figure 4.
Inrush current example - with collector resistor
1.1.7
Layout recommendations
The inductance of the heatsink rail of the ballast transistor and the MCU lead to inductance
in the system. The placement of the transistor also affects the inductance, due to the lengths
of the 1.2 V traces (from the emitter to the VDD pins) and of the VRCCTL signal: those
inductances eventually reduce the phase margin jeopardizing the regulator stability.
It is mandatory to keep the parasitic inductance between the emitter and VDD pins lower
than 20nH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com