Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics AN4092 Datasheet HTML 18Page - STMicroelectronics AN4092 Datasheet HTML 19Page - STMicroelectronics AN4092 Datasheet HTML 20Page - STMicroelectronics AN4092 Datasheet HTML 21Page - STMicroelectronics AN4092 Datasheet HTML 22Page - STMicroelectronics AN4092 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
AN4092
FMPLL and crystal oscillator
Doc ID 023080 Rev 2
19/38
2
FMPLL and crystal oscillator
The frequency modulated phase locked loop (FMPLL) allows the user to generate high
speed system clocks from a crystal oscillator or from an external clock generator. The
onchip oscillator is designed to operate in the range 4-40MHz (SPC563Mxx: 4-20MHz). The
frequency modulation is register programmable (frequency and depth). The clock quality
module (CQM) provides loss-of-clock detection for the FMPLL reference and output clocks
comparing these with the internal RC reference(k). The lock detection circuitry reports when
the FMPLL has achieved frequency lock and continuously monitors lock status to report
loss-of-lock conditions.
The FMPLL is powered through the VDDPLL/VSSPLL supply couple while the onchip
oscillator is powered by the internal 3.3V regulator (or external 3.3V supply).
Figure 7.
System clock diagram
2.1
Crystal oscillator and external circuitry
The crystal oscillator circuit is designed and used to provide reference clock to the PLL.
Input to the circuit is a sinusoidal input generated by a crystal with an amplifier. Output is a
square wave which is used as a reference clock to the PLL.
The type of oscillator is a Pierce CMOS crystal one. This oscillator, however, has an
Automatic Level Controller where the amount of current sourced into the amplifier is
inversely proportional to the amplitude of the input signal EXTAL. The EXTAL and XTAL
signals are then fed to inputs of a comparator to generate a square-wave signal.The crystal
oscillator may provide a reference clock to the FMPLL.
k.
The internal RC oscillator cannot be used as system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com