Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 13Page - STMicroelectronics AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics AN4092 Datasheet HTML 18Page - STMicroelectronics AN4092 Datasheet HTML 19Page - STMicroelectronics AN4092 Datasheet HTML 20Page - STMicroelectronics AN4092 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AN4092
Power Management Controller (PMC)
Doc ID 023080 Rev 2
17/38
The standby switch breaks before make, and hence is not shorted Vdd to Vstby during the
transition.
●
When the switch sources Vdd_array from Vstby, and Vdd ramps high, the switch
transitions to sourcing Vdd anywhere while 0 < Vdd - Vstby < 0.050V is valid
●
When the switch sources Vdd_array from Vdd, the switch is designed to transition to
Vstby when Vstby > Vdd
●
The switch works with all ramp rates of Vdd
●
The circuit is not drew excessive leakage current if Vdd remains at a mid-level
If VSTBY is not used, it must be connected to ground. When VSTBY is grounded, the switch
is always connected to VDD.
1.6.2
Standby Regulator
The purpose of the regulator is for when VSTBY is in the range of 2V-5.5V. The regulated
output is 1V. When the standby voltage is in the range of 0.95V-1.2V, the regulator is
bypassed and the RAM sees the raw, unregulated standby voltage.
1.6.3
Brown-out Detector(i)
The brown-out detector monitors the standby voltage and sets the BRW flag on the PMC
Configuration and Status Register when the voltage on the VSTBY pin falls to 600 mV. After
reset, this flag comes up asserted and then it can be cleared by software by writing 1 to it.
When the voltage on the VSTBY pin is 0, the brownout detector flag is also 0, regardless of
the voltage on VDD.
1.7
Power dissipation
The total power dissipation depends on the current required on the different supplies. It also
depends on the power configuration. In the single 5V supply configuration, the contributors
are:
1.
VDD * IDD
2.
VDDA * IDDA
3.
VDDREG * IDDREG
4.
VDDEHx * IDDEHx
If the internal 3.3V voltage regulator is switched off the contributors are:
1.
VDD * IDD
2.
VDDA * IDDA
3.
VDDREG * IDDREG(j)
4.
VRC33 * IDD33
5.
VDDEHx * IDDEHx
i.
Please refer to device errata sheet to check whether or not this feature is available.
j.
If the internal 3.3V is switched off but VDDREG is not grounded, there is still a small current consumption due
to the LVI circuitry and the 1.2V regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com