Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics AN4092 Datasheet HTML 18Page - STMicroelectronics AN4092 Datasheet HTML 19Page - STMicroelectronics AN4092 Datasheet HTML 20Page - STMicroelectronics AN4092 Datasheet HTML 21Page - STMicroelectronics AN4092 Datasheet HTML 22Page - STMicroelectronics AN4092 Datasheet HTML 23Page - STMicroelectronics AN4092 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
FMPLL and crystal oscillator
AN4092
20/38
Doc ID 023080 Rev 2
Figure 8.
Oscillator
2.1.1
External circuitry
The external circuitry normally consists of:
●
The crystal
●
Two load capacitors
●
Serial resistor (optional)
The bias resistor is not needed because it is internally implemented.
The maximum value of the total load capacitance is given by the following table:
Table 4.
Crystal total load capacitance(l)
The circuitry design may need also to take in account parasitic capacitance.
XTAL load capacitance
Min. (pF)
Max (pF)
4MHz
5
30
8MHz
5
26
12 MHz
5
23
16 MHz
5
19
20 MHz
5
16
40 MHz
5
8
l.
This value is determined by the crystal manufacturer and board design. For 4 MHz to 40 MHz crystals specified
for this PLL, load capacitors should not exceed these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com