Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 20Page - STMicroelectronics AN4092 Datasheet HTML 21Page - STMicroelectronics AN4092 Datasheet HTML 22Page - STMicroelectronics AN4092 Datasheet HTML 23Page - STMicroelectronics AN4092 Datasheet HTML 24Page - STMicroelectronics AN4092 Datasheet HTML 25Page - STMicroelectronics AN4092 Datasheet HTML 26Page - STMicroelectronics AN4092 Datasheet HTML 27Page - STMicroelectronics AN4092 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Configuration pins and unused IOs
AN4092
24/38
Doc ID 023080 Rev 2
specified by the PLLREF pin. The value on the PLLREF pin must be kept constant during
reset to avoid transients in the system clock.
3.4
Weak pull configuration
The signal on the WKPCFG pin determines whether specified eTPU and eMIOS pins are
connected to weak pull up or weak pull down devices at reset (see the Signal Description
chapter in the Reference Manual for the eTPU and eMIOS pins that are affected by
WKPCFG). For all reset sources except the Software External Reset, the WKPCFG pin is
applied at the assertion of the internal reset signal (assertion of RSTOUT). If the WKPCFG
signal is logic high at this time, pull up devices is enabled on the eTPU and eMIOS pins. If
the WKPCFG signal is logic low at the assertion of the internal reset signal, pull down
devices are enabled on those pins. The value on WKPCFG must be held constant during
reset to avoid oscillations on the eTPU and eMIOS pins caused by switching pull up/down
states. The final value of WKPCFG is latched four clock cycles before the negation of
RSTOUT. After reset, software may modify the weak pull up/down selection for all I/O pins
through the PCR registers in the SIU.
3.5
RSTCFG (SPC564Axx only)
RSTCFG is used to enable or disable the PLLREF and the BOOTCFG[0:1] configuration
signals:
●
0: Get configuration information from BOOTCFG[0:1] and PLLREF
●
1: Use default configuration of booting from internal flash with crystal clock source
Note:
For the 176-pin QFP package RSTCFG is always 0, so PLLREF and BOOTCFG signals are
used.
RSTCFG pin allows, for example, to select the most common configuration without the need
of having pulling up/down on several pins.
3.6
Unused I/Os
With respect to power consumption, there is no particular recommendation for unused I/Os:
both input and output buffers are disabled after reset. However, from the EMC perspective,
it is always desirable to tie unused pins to ground or supply voltage, also through internal
pull-up/down resistors (enabled by default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com