Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4092 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 14Page - STMicroelectronics AN4092 Datasheet HTML 15Page - STMicroelectronics AN4092 Datasheet HTML 16Page - STMicroelectronics AN4092 Datasheet HTML 17Page - STMicroelectronics AN4092 Datasheet HTML 18Page - STMicroelectronics AN4092 Datasheet HTML 19Page - STMicroelectronics AN4092 Datasheet HTML 20Page - STMicroelectronics AN4092 Datasheet HTML 21Page - STMicroelectronics AN4092 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Power Management Controller (PMC)
AN4092
18/38
Doc ID 023080 Rev 2
1.7.1
Internal logic power consumption
Most of the logic is powered by the 1.2V. In the worst case, the power that must be
dissipated internally is given by the maximum VDD voltage multiplied by the maximum
current required: VDDmax * IDDmax. IDDmax normally depends on the operating frequency.
1.7.2
Analog power consumption
In the worst case the power required by the ADC that must be dissipated internally is given
by the maximum VDDA voltage multiplied by the maximum current required: VDDAmax *
IDDAmax. The analog current consumption does not depend on the system operating
frequency.
1.7.3
Voltage regulator power consumption
The internal 3.3V regulator uses the 5V provided on the VDDREG to generate the 3.3V. The
same voltage is used to supply the 1.2V regulator. The worst case scenario is: VDDREGmax
* IDDREGmax. When disabled but VDDREG is still powered, there is still a small current
consumption due to the LVI circuitry and the 1.2V regulator. IDDREG does not depend on
the operating frequency.
1.7.4
3.3V power consumption
When in single supply configuration, the 3.3V is generated internally, therefore the current
consumption is already taken in account in the maximum IDDREG.
When the 3.3V is provided externally, the IDD33 current must be taken in account:
VRC33max * IDD33max. IDD33 does not depend on the operating frequency.
1.7.5
IOs power consumption
This power consumption depends on the application: pad type, load, switching frequency,
voltage and slew rate. The current consumption of the pads is specified in the device
datasheet for a given load and a given frequency. The other cases can be extracted from
the given data assuming a linear behavior. For example, in the table is shown that a slow
pad with 50pF load switching at 4MHz consumes in average 0.5mA. If in the application the
pad is switching only at 20KHz (assuming the same load), the average consumption is 0.5 *
20000 / 4000000 = 2.5uA. Assuming VDDEH = 3.3V, the power is: 3.3 * 2.5 E-6.
1.7.6
Package power dissipation
Once computed all the power requirements, given a operating temperature and package
(and PCB), it is possible to compute whether or not the power can be dissipated in the
package. The limit is the junction temperature; for this family of devices Tj = 150C.
Let’s assume that the operating temperature is Tamb = 100C and the total thermal resistance
is RθJA = 19C/W, then the maximum power that can be dissipated is (Tj - Tamb) / RθJA =
2.63W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com