Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 4Page - STMicroelectronics AN2744 Datasheet HTML 5Page - STMicroelectronics AN2744 Datasheet HTML 6Page - STMicroelectronics AN2744 Datasheet HTML 7Page - STMicroelectronics AN2744 Datasheet HTML 8Page - STMicroelectronics AN2744 Datasheet HTML 9Page - STMicroelectronics AN2744 Datasheet HTML 10Page - STMicroelectronics AN2744 Datasheet HTML 11Page - STMicroelectronics AN2744 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Electrical characteristics
AN2744
8/56
Note:
1
EN50065-1 normative compliance is not guaranteed with a signal level at mains output
greater than 2 VRMS
Parameter
Value
Notes
Input power
100 mW
Switching frequency
-10%
60 kHz
+10%
Transceiver section in Tx mode
1.
ST does not guarantee transformer isolation. ST assumes no responsibility for the consequences that may result from that
risk.
Table 1.
Electrical characteristics of the ST7538Q dual channel reference design (continued)
Table 2.
Output signal level setting through VSENSE partitioning - typical values
VOUT [VRMS]VOUT [dBuVRMS](R7 + R8) / R8
R7 [kΩ]R8 [kΩ]
1.000
120
1.25
0.910
2.2
1.125
121
1.4
1.3
2.2
1.250
122
1.6
2.2
2.2
1.500
124
2.0
2.7
2.2
1.800
125
2.25
3.3
2.2
2.000
126
2.5
3.9
2.2
2.250 (Note 1)
127
2.8
4.7
2.2
2.500 (Note 1)
128
3.15
6.8
2.2
3.000 (Note 1)
130
4.0
7.5
2.2
Figure 2.
Typical curve for output current limit vs. RCL value
100
150
200
250
300
350
400
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
Rcl (kOhm)
100
150
200
250
300
350
400
1.75
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
Rcl (kOhm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com