Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 13Page - STMicroelectronics AN2744 Datasheet HTML 14Page - STMicroelectronics AN2744 Datasheet HTML 15Page - STMicroelectronics AN2744 Datasheet HTML 16Page - STMicroelectronics AN2744 Datasheet HTML 17Page - STMicroelectronics AN2744 Datasheet HTML 18Page - STMicroelectronics AN2744 Datasheet HTML 19Page - STMicroelectronics AN2744 Datasheet HTML 20Page - STMicroelectronics AN2744 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
AN2744
Board description
17/56
Table 3.
Bill of materials
Item Q.ty
Reference
Value
Description
116
ATOP1, ATOP2, P5 V, 10 V,
VADJ, TX, RXTX, RXFO, RX,
RAI, GND, CLRT, CL, CD/PD,
BU, ATO
Test point
2
1
CN1
CON50A
50-pin female connector
3
1
CN2
Header 2
Mains supply connector
4
1
C1
470 pF 630 V
EVOX-RIFA PFR5-471J630L4
5
1
C2
47 nF X2
Epcos B32921-A2473K
61
C3
470 µF 16 V
electrolytic
Rubycon YK / Yageo SE-K / Nichicon VK
7
1
C4
100 µF 16 V
TDK CKG57DX7R-1C107M
82
C5,C10
10 µF 400 V
electrolytic
Yageo SE-K / Nichicon VK
9
1
C6
2.2 nF Y2
TDK CD12E2GA222MYNS
10
1
C8
47 nF
11
3
C9,C17,C21
10 µF
TDK C3216X7R-1C106M
12
2
C11,C12
270 pF
13
5
C13,C15,C18,C19,C24
100 nF
14
2
C14,C26
10 nF
15
1
C16
4.7 nF
16
1
C20
10 nF
17
1
C22
18 pF
18
1
C23
47 pF
19
1
C25
100 pF
20
1
C27
56 nF 50 V
21
1
C28
100 nF X2 10%
Epcos B32922-A2104K
22
1
C29
150 nF
23
1
C30
220 pF
24
1
D1
DF06S
600 V - 1.5 A bridge rectifier
25
1
D2
Green LED
26
1
D3
STPS1H100
27
1
D4
STTH1L06A
28
1
D5
BAS16 2L
BAS21 also suitable
29
1
D6
SM6T6V8CA
6.8 V bidirectional Transil™ diode
30
1
D7
ESDA6V1L
6.1 V ESD Transil™ diode
31
1
D9
BZX84C8V2
8.2 V Zener diode
32
1
F1
FUSE
2 A time-lag (T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com