Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 16Page - STMicroelectronics AN2744 Datasheet HTML 17Page - STMicroelectronics AN2744 Datasheet HTML 18Page - STMicroelectronics AN2744 Datasheet HTML 19Page - STMicroelectronics AN2744 Datasheet HTML 20Page - STMicroelectronics AN2744 Datasheet HTML 21Page - STMicroelectronics AN2744 Datasheet HTML 22Page - STMicroelectronics AN2744 Datasheet HTML 23Page - STMicroelectronics AN2744 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Board description
AN2744
20/56
5.1
Line coupling interface
The line coupling interface is composed of three different filters: the dual channel Tx passive
filter, the dual channel Rx passive filter and the dual channel Rx active filter. The coupling
interface structure is represented in Figure 9.
All three filters are described in Section 5.1.2, Section 5.1.3 and Section 5.1.3. For each
filter, calculations and measured frequency responses are given.
The filters are quite sensitive to the components' value tolerance. Actual components used
in the ST7538Q dual channel reference design have the following tolerances:
●
+/- 10% for coils and for the X2 capacitor
●
+/- 1% for SMD resistors
●
+/- 5% for SMD ceramic capacitors
To evaluate sensitivity to the tolerances indicated above, the following sections include
simulated responses of the filters with Montecarlo statistical analysis. Statistical simulation
helps to understand the relationship between tolerance of components' value and variations
Figure 9.
Schematic of Rx and Tx filters
Tx PASSIVE FILTER
Rx
PASSIVE
FILTER
Rx ACTIVE FILTER
CMINUS
5V
C15
100nF
COUT
R15
5K1
R14
5K1
ACT_IN
CPLUS
ATOP1
ATOP2
ACT_IN
CH2
P
N
1
Q2
2N7002
CH2
R8
330
RAI
2
JP2
CLOSE 2-3
NEG_CH2
JP1
LEAVE OPENED
U2
LCA710
R17
1M
L5
100 uH
R10
100K
C11
270pF
R13
5K1
R9
1K2
R12
680
C12
270pF
1
Q4
2N7002
R16
1M
3
1
2
D7
ESDA6V1L
3
1
JP3
CLOSE 2-3
C16
4.7nF
C20
10nF
L7
330uH
R18
330
C29
150 nF
D6
SM6T6V8CA
1
8
4
5
T2
LINE TRANSFORMER
C28
100nF X2
L6
68 uH
C27
56 nF
R21
3.3
C14
10 nF
Tx PASSIVE FILTER
Rx
PASSIVE
FILTER
Rx ACTIVE FILTER
CMINUS
5V
C15
100nF
COUT
R15
5K1
R14
5K1
ACT_IN
CPLUS
ATOP1
ATOP2
ACT_IN
CH2
P
N
1
Q2
2N7002
CMINUS
5V
C15
100nF
COUT
R15
5K1
R14
5K1
ACT_IN
CPLUS
ATOP1
ATOP2
ACT_IN
CH2
P
N
1
Q2
2N7002
CH2
R8
330
RAI
2
JP2
CLOSE 2-3
NEG_CH2
JP1
LEAVE OPENED
U2
LCA710
R17
1M
L5
100 uH
R10
100K
C11
270pF
R13
5K1
R9
1K2
R12
680
C12
270pF
1
CH2
R8
330
RAI
2
JP2
CLOSE 2-3
NEG_CH2
JP1
LEAVE OPENED
U2
LCA710
R17
1M
L5
100 uH
R10
100K
C11
270pF
R13
5K1
R9
1K2
R12
680
C12
270pF
1
Q4
2N7002
R16
1M
3
1
2
D7
ESDA6V1L
3
1
JP3
CLOSE 2-3
C16
4.7nF
C20
10nF
L7
330uH
R18
330
C29
150 nF
D6
SM6T6V8CA
1
8
4
5
T2
LINE TRANSFORMER
C28
100nF X2
L6
68 uH
C27
56 nF
R21
3.3
C14
10 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com