Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 14Page - STMicroelectronics AN2744 Datasheet HTML 15Page - STMicroelectronics AN2744 Datasheet HTML 16Page - STMicroelectronics AN2744 Datasheet HTML 17Page - STMicroelectronics AN2744 Datasheet HTML 18Page - STMicroelectronics AN2744 Datasheet HTML 19Page - STMicroelectronics AN2744 Datasheet HTML 20Page - STMicroelectronics AN2744 Datasheet HTML 21Page - STMicroelectronics AN2744 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Board description
AN2744
18/56
Item Qty
Reference
Value
Description
33
1
JP1
Jumper
Leave open
34
2
JP2, JP3
Jumper
Close 2-3
35
1
L1
33 µH
Epcos B82462-A4333K
36
1
L2
2x10 mH - 0.3 A
Radiohm 42V15-0307
37
1
L3
470 µH
Epcos B82442-A1474K
38
1
L4
1 mH
Epcos B82442-H1105K
39
1
L5
100 µH 10%
Würth 744-775-210K / Epcos B82464-A4104K
40
1
L6
68 µH 10%
Würth 744-775-168K / Epcos B82464-A4683K
41
1
L7
330 µH 10%
Würth 744-774-233K
42
1
L8
10 µH
Epcos B82432-T1103K
43
2
Q2, Q4
2N7002
44
1
Q3
BC857BL
45
1
R1
220 k
Ω
46
1
R2
1K5
47
1
R3
10R 1 W
Metal oxide - radial
48
1
R6
560
49
2
R8, R18
330
50
1
R9
1K2
51
1
R10
100 k
Ω
52
1
R11
4K7
53
1
R12
680
54
3
R13, R14, R15
5K1
55
2
R16, R17
1M
56
1
R19
2 k
Ω
57
1
R20
3K9
58
1
R21
3R3
59
1
R22
2K2
60
1
R23
10 k
Ω
61
1
T1
SMPS transformer TDK SRW12.6ES-ExxH013 / Würth S06-100-057
62
1
T2
Line transformer
VAC T60403-K5024-X044 / Radiohm 69H14-2101
63
1
U1
SFH610-A
Optoswitch
64
1
U2
LCA710
Optoswitch - 3750 V isolation
65
1
U3
ST7538Q
Power line transceiver
66
1
U6
VIPer12AS-E
SMPS controller / switch
67
1
X1
16 Mhz
Jauch Q 16.0-SS2-16-30/50-FU
Table 3.
Bill of materials (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com