Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 20Page - STMicroelectronics AN2744 Datasheet HTML 21Page - STMicroelectronics AN2744 Datasheet HTML 22Page - STMicroelectronics AN2744 Datasheet HTML 23Page - STMicroelectronics AN2744 Datasheet HTML 24Page - STMicroelectronics AN2744 Datasheet HTML 25Page - STMicroelectronics AN2744 Datasheet HTML 26Page - STMicroelectronics AN2744 Datasheet HTML 27Page - STMicroelectronics AN2744 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Board description
AN2744
24/56
5.1.3
Dual channel Rx passive filter
The dual channel Rx passive filter is made of a resistor in series with a parallel L-C resonant
circuit. The transfer function of the filter can be written as:
Equation 2
where RL is the dc series resistance of the inductor L7 (in the worst case, 2 Ω) and CP is the
equivalent capacitance for the two channels: C16 + C20 for 72 kHz, only C20 for 86 kHz.
The center frequency and the quality factor of the filter can be expressed as:
Equation 3
The simplification done in Equation 3 is possible because R18 >> RL. It's evident that the
quality factor, and then the filter selectivity, depends not only on the value of R18, but also on
RL. A higher RL means a lower steepness of the resonance, while a higher R18 gives a
Figure 13.
Simulated frequency response of the Tx passive filter for 86 kHz channel with
tolerance effect
1E5
1E4
1E6
-35
-30
-25
-20
-15
-10
-5
0
5
-40
10
P
7
18
L
18
P
7
18
7
P
L
18
2
P
7
18
L
7
C
L
R
R
R
s
C
L
R
L
C
R
R
s
C
L
R
R
L
s
)
s
(
R
⋅
⋅
+
+
⋅
⋅
⋅
+
⋅
⋅
+
⋅
⋅
+
⋅
=
P
7
P
7
18
L
18
C
C
L
2
1
C
L
R
R
R
2
1
2
1
fc
⋅
π
≅
⋅
⋅
+
π
=
ω
⋅
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com