Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 15Page - STMicroelectronics AN2744 Datasheet HTML 16Page - STMicroelectronics AN2744 Datasheet HTML 17Page - STMicroelectronics AN2744 Datasheet HTML 18Page - STMicroelectronics AN2744 Datasheet HTML 19Page - STMicroelectronics AN2744 Datasheet HTML 20Page - STMicroelectronics AN2744 Datasheet HTML 21Page - STMicroelectronics AN2744 Datasheet HTML 22Page - STMicroelectronics AN2744 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
AN2744
Board description
19/56
Table 4.
ST parts on the ST7538Q dual channel reference design board
Value
Description
ST7538Q
Power line transceiver
VIPer12AS-E
SMPS controller / switch
STTH1L06A
Ultrafast diode
STPS1H100
Schottky diode
SM6T6V8CA
6.8 V bidirectional Transil™ diode
ESDA6V1L
6.1 V ESD Transil™ diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com