Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 38Page - STMicroelectronics AN2744 Datasheet HTML 39Page - STMicroelectronics AN2744 Datasheet HTML 40Page - STMicroelectronics AN2744 Datasheet HTML 41Page - STMicroelectronics AN2744 Datasheet HTML 42Page - STMicroelectronics AN2744 Datasheet HTML 43Page - STMicroelectronics AN2744 Datasheet HTML 44Page - STMicroelectronics AN2744 Datasheet HTML 45Page - STMicroelectronics AN2744 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Board description
AN2744
42/56
5.7
Power supply
The ST7538Q dual channel reference design includes a specifically designed switching
mode power supply circuit, based on ST’s VIPer12AS-E device.
VIPer12AS-E is a smart power device with current mode PWM controller, startup circuit and
protections integrated in a monolithic chip using VIPower M0 technology. It includes a 27
Ω
Mosfet with 730 V breakdown voltage and a 400 mA peak drain current limitation. The
switching frequency is internally fixed to 60 kHz, in order to provide a good compromise
between EMI performances and magnetic parts dimensioning.
The internal control circuit offers the following benefits:
- large input voltage range on VDD pin accommodates changes in supply voltage
- automatic burst mode in low load condition
- overload and short circuit protection in hiccup mode
The power supply is designed in isolated flyback configuration with secondary regulation by
means of an optocoupler and a Zener diode, considering the requested output tolerance for
the specified application.
The main specifications are listed in Table 10
In the input stage, an EMI filter is implemented (C2, L2, C10, L3, C5) for both differential and
common mode noise, in order to fit the requested standard.
Table 8.
50-pin connector control signals
Pin n°
Signal name
Description
Generated by
20
B_ID_PLM_1
Board ID for PLM Applications (MSB)
PLC Board
28
B_ID_PLM_0
Board ID for PLM Applications (LSB)
PLC Board
5
VDDF_FORCE
Force µC digital level to VDDF
PLC Board
Table 9.
50-pin connector power connections
Pin n°
Signal name
Description
Generated by
2
PLM_10V
10V power supply
PLC Board
4
VDD
3.3V/5V power supply
ST7538Q
6
VDDF
Digital power supply
ST7538Q
22,34
GND
Ground
-
Table 10.
SMPS specifications
Parameter
Value
Input voltage range, VIN
85-265 VAC
Output voltage, VOUT
10V±10%
Peak output current, IOUT(MAX)
600 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com