Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2744 Datasheet HTML 23Page - STMicroelectronics AN2744 Datasheet HTML 24Page - STMicroelectronics AN2744 Datasheet HTML 25Page - STMicroelectronics AN2744 Datasheet HTML 26Page - STMicroelectronics AN2744 Datasheet HTML 27Page - STMicroelectronics AN2744 Datasheet HTML 28Page - STMicroelectronics AN2744 Datasheet HTML 29Page - STMicroelectronics AN2744 Datasheet HTML 30Page - STMicroelectronics AN2744 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
AN2744
Board description
27/56
5.1.4
Dual channel Rx active filter
An active filtering is suitable for receiving a highly attenuated signal. Without the gain of an
active filter, it could be impossible to detect a signal lower than the ST7538Q receiving
sensitivity even filtering the noise around it. Therefore, the choice of the Rx filter depends
mostly on the attenuation introduced by the network and then on the point of insertion of the
power line communication node.
It is possible to choose the received signal path on the board by configuring the three
jumpers shown in Figure 9 (JP1, JP2 and JP3) in different ways. The Rx path can include
only the passive filter, only the active filter, both of them or even none (no filtering).
Figure 18
and Figure 19 show the measured transfer function of the Rx active filter for both
channels. The curves show a 10 dB gain at center frequency and a -3 dB bandwidth of
about 20 kHz.
Figure 17.
Simulated frequency response of the Rx passive filter for 86 kHz channel with
tolerance effect
1E5
1E4
1E6
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-18
0
1 dB
1E5
1E4
1E6
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
-18
0
1 dB
Figure 18.
Measured frequency response of the Rx active filter for 72 kHz channel (typical)
-8
-6
-4
-2
0
2
4
6
8
10
12
1.0E+04
1.0E+05
1.0E+06
Freq (Hz)
-8
-6
-4
-2
0
2
4
6
8
10
12
1.0E+04
1.0E+05
1.0E+06
Freq (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com