Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2744 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2744
Description  ST7538Q power line FSK transceiver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2744 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2744 Datasheet HTML 1Page - STMicroelectronics AN2744 Datasheet HTML 2Page - STMicroelectronics AN2744 Datasheet HTML 3Page - STMicroelectronics AN2744 Datasheet HTML 4Page - STMicroelectronics AN2744 Datasheet HTML 5Page - STMicroelectronics AN2744 Datasheet HTML 6Page - STMicroelectronics AN2744 Datasheet HTML 7Page - STMicroelectronics AN2744 Datasheet HTML 8Page - STMicroelectronics AN2744 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
April 2008
Rev 1
1/56
56
AN2744
Application note
ST7538Q power line FSK transceiver
dual channel reference design for AMR
Introduction
The ST7538Q dual channel reference design is a practical tool to start the activity of
designing an automatic meter reading (AMR) node based on the ST7538Q power line FSK
transceiver.
With this reference design, it is possible to evaluate the features of the ST7538Q and its
transmitting and receiving performances in an actual communication on the power line
network.
The ST7538Q reference design can be considered as composed of three main sections:
■ power supply section, specifically designed to coexist with power line communication and
to operate from a wide-range input mains voltage
■ modem and crystal oscillator section
■ dual channel line coupling interface section
The dual channel line coupling interface allows the ST7538Q FSK transceiver to transmit
and receive on the mains using two different carrier frequencies: 72 kHz and 86 kHz, both
within the frequency band A specified by the European CENELEC EN50065 standard for
AMR applications.
Figure 1.
ST7538Q dual channel reference design board with outline dimensions
As it can be seen from the picture above, a special effort has been made to develop a
compact reference design board, oriented to practical applications.
Note:
The information provided in this application note refers to the EVALST7538DUAL reference
design board.
98mm
www.st.com


Similar Part No. - AN2744

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN274 ETC2-AN274 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
STMicroelectronics
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
250 W HID metal halide electronic ballast
06-May-2008
logo
List of Unclassifed Man...
AN2748 ETC-AN2748 Datasheet
883Kb / 40P
Genesi Pegasos II Kernel and NFS Facility
More results

Similar Description - AN2744

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7538 STMICROELECTRONICS-ST7538 Datasheet
264Kb / 30P
POWER LINE FSK TRANSCEIVER
24-Nov-2005
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7538Q STMICROELECTRONICS-ST7538Q Datasheet
409Kb / 44P
FSK power line transceiver
12-Jul-2006
logo
ATMEL Corporation
ATA5811 ATMEL-ATA5811_06 Datasheet
1Mb / 92P
UHF ASK/FSK TRANSCEIVER
ATA5423 ATMEL-ATA5423_06 Datasheet
1Mb / 100P
UHF ASK/FSK Transceiver
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
ATMEL Corporation
ATA5830 ATMEL-ATA5830 Datasheet
1,001Kb / 27P
UHF ASK/FSK Transceiver
ATA8510 ATMEL-ATA8510 Datasheet
1Mb / 40P
UHF ASK/FSK Transceiver
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
FSK Power Line Communications SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com