Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 4Page - STMicroelectronics AN2844 Datasheet HTML 5Page - STMicroelectronics AN2844 Datasheet HTML 6Page - STMicroelectronics AN2844 Datasheet HTML 7Page - STMicroelectronics AN2844 Datasheet HTML 8Page - STMicroelectronics AN2844 Datasheet HTML 9Page - STMicroelectronics AN2844 Datasheet HTML 10Page - STMicroelectronics AN2844 Datasheet HTML 11Page - STMicroelectronics AN2844 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Adapter features
AN2844
8/37
This information is used to change the set point of the pulse-by-pulse current limitation. In
the standard application circuit with L6565 as U1, an OFF-time limitation circuit with a Q3
transistor has been added. This transistor limits the maximum switching frequency of the
converter to approximately 70 kHz. The input information coming from the OUT pin is fed
into Q3 with a delay. This feature provides some anticipated time during the OFF time by
blocking the ZCD pin of the converter, and enables the reflected voltage on the auxiliary
winding to be sensed after that time. This means that the controller has skipped one or
several valleys of the flyback voltage during the turn-OFF phases and has limited the
maximum switching frequency. The circuit’s time constant is set with capacitor C12 and
resistor R36. The limitations of the application’s frequency keep power losses on the
primary ESBT switch within reasonable values and contribute to the converter’s overall
stability. Refer to the L6565 datasheet for detailed information on the L6565 and function of
the circuit. All features, including the calculation of all setting components, are described in
STMicroelectronics’ application note AN1326 "L6565 quasi-resonant controller". This
application note also describes the ZVS concept.
The output voltage is controlled by a non-galvanic isolated primary feedback loop with
resistor dividers R38 and R42, and frequency response compensation components R39,
R40 and C14. All formulas related to the calculation of the frequency response
compensation during first trials and testing in this type of application are described in
STMicroelectronics’ application note AN2495 "80 W very wide input voltage range 3-phase
SMPS design based on L6565 and ESBT STC04IE170HV".
In SMPS applications, where the load can vary, the current of the primary switch also
fluctuates. To minimize power losses on the ESBT switch, the base current should be
proportional to the collector current or at least constant with the initial current overpeak of
the switching pulse - this is called the modifying envelope. It is important to avoid radical
over-saturation of the device at low loads and aim to optimize performance at full loads. To
achieve these driving requirements with a cost-effective solution, a simple driving circuit
providing a constant current into the base of the ESBT has been designed. This type of
solution is simple, cost-effective and minimizes power losses. The bias current for the base
of the ESBT is provided directly by the auxiliary power supply through the R22 resistor. For
a related base bias current, the value of this resistor is calculated according to the collector
current. According to the STC03DE220HV datasheet, for a maximum peak collector current
of 0.6 A, the gain and related base current should be 16 mA. During the storage time, when
the collector current for a certain period flows trough the B-C junction before this junction
recovers from conduction, the current flows into the C10 capacitor which stores some
energy and provides it again for the next switching cycle to create an initial base current
spike. Current that is not stored can also flow through D8 to the auxiliary supply area. Note
that during the storage time the collector current flows through the base and is stored in the
base capacitor C10, so that the quasi totality of energy is recovered. The R20 resistor limits
the inrush current floating from the C10 capacitor to the base of the Q2 transistor. In this
topology, the base current always has the same value and does not follow the variation of
the collector current, which appears while unloading the output. The constant base bias
current can cause over-saturation of the BJT structure in the ESBT in low- or no-load
conditions. However, in a case like this, the driver guarantees the appropriate switching of
the ESBT through the ZVS pin when the device is fully switched OFF and the carriers in the
BJT are fully recombined. This solution – which is very simple and cost-effective – implies
that the ESBT be driven with a constant current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com