Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 16Page - STMicroelectronics AN2844 Datasheet HTML 17Page - STMicroelectronics AN2844 Datasheet HTML 18Page - STMicroelectronics AN2844 Datasheet HTML 19Page - STMicroelectronics AN2844 Datasheet HTML 20Page - STMicroelectronics AN2844 Datasheet HTML 21Page - STMicroelectronics AN2844 Datasheet HTML 22Page - STMicroelectronics AN2844 Datasheet HTML 23Page - STMicroelectronics AN2844 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Electrical performances
AN2844
20/37
Table 5 shows the device’s power consumption in no-load conditions.
This board has been designed to work in continuous cycles even with no loads. The reason
for this is an improved transfer response of the circuit, a lower output ripple and enhanced
stability of the converter.
The switching frequency of the ZVS control method used with the L6565 varies according to
the load and input voltage. This behavior has a positive impact on the switching losses
mainly in low-load conditions where the switching frequency rises dramatically to 60 kHz,
the maximum frequency that the application can tolerate.
Table 5.
Power consumption in no-load conditions
VIN = 125 VDC
VIN = 500 VDC
VIN = 1000 VDC
Pin [W]
0.27
0.47
1.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com