Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 13Page - STMicroelectronics AN2844 Datasheet HTML 14Page - STMicroelectronics AN2844 Datasheet HTML 15Page - STMicroelectronics AN2844 Datasheet HTML 16Page - STMicroelectronics AN2844 Datasheet HTML 17Page - STMicroelectronics AN2844 Datasheet HTML 18Page - STMicroelectronics AN2844 Datasheet HTML 19Page - STMicroelectronics AN2844 Datasheet HTML 20Page - STMicroelectronics AN2844 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN2844
Electrical performances
17/37
4
Electrical performances
Table 1 shows the output loads for different input voltages. The maximum difference on the
output voltage is only about 50 mV.
Figure 16, Figure 17 and Figure 18 show the converter's efficiency depending on the output
load with various input voltage values.
Figure 16.
Efficiency versus output power at VIN = 125 VDC
Table 1.
Line and load regulation
Output load [A]
Input voltage 125 VDC
Input voltage 620 VDC
Input voltage 1250 VDC
0
5.00
5.01
5.01
0.5
4.99
5.00
5.00
1
4.98
4.99
5.00
1.5
4.97
4.98
4.98
2
4.95
4.97
4.98
3
4.95
4.96
4.97
Efficiency / output power
0
10
20
30
40
50
60
70
80
0.00
5.00
10.00
15.00
POUT (W)
n (%)
AM003544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com