Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 21Page - STMicroelectronics AN2844 Datasheet HTML 22Page - STMicroelectronics AN2844 Datasheet HTML 23Page - STMicroelectronics AN2844 Datasheet HTML 24Page - STMicroelectronics AN2844 Datasheet HTML 25Page - STMicroelectronics AN2844 Datasheet HTML 26Page - STMicroelectronics AN2844 Datasheet HTML 27Page - STMicroelectronics AN2844 Datasheet HTML 28Page - STMicroelectronics AN2844 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AN2844
Thermal measurements
25/37
6
Thermal measurements
A thermal analysis of the major components of the board is shown in Table 6 and Table 7. All
measurements were performed after one hour of operation.
TA: the ambient temperature for all measurements is 25 °C.
Table 6.
Temperature of key components at 125 VDC - full load
(3 A output current)
Ref.
Component description
Temperature [°C]
R2
NTC
35
D2
Clamp resistors (R2; R3)
35
Q1
ESBT switch STC03DE220HV
37
U1
L6565
35
T1
Transformer - ferrite
44
T1
Transformer - windings
65
Q2
Output diode
80
C12/C13
Bulk capacitors
35
Table 7.
Temperature of key components at 1250 VDC - low load
(3 A output current)
Ref.
Component description
Temperature [°C]
R2
NTC
35
D2
Clamp resistors (R2; R3)
45
Q1
ESBT switch STC03DE220HV
75
U1
L6565
35
T1
Transformer - ferrite
48
T1
Transformer - windings
55
Q2
Output diode
73
C12/C13
Bulk capacitors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com