Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 26Page - STMicroelectronics AN2844 Datasheet HTML 27Page - STMicroelectronics AN2844 Datasheet HTML 28Page - STMicroelectronics AN2844 Datasheet HTML 29Page - STMicroelectronics AN2844 Datasheet HTML 30Page - STMicroelectronics AN2844 Datasheet HTML 31Page - STMicroelectronics AN2844 Datasheet HTML 32Page - STMicroelectronics AN2844 Datasheet HTML 33Page - STMicroelectronics AN2844 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Transformer specification
AN2844
30/37
9
Transformer specification
●
Application type: customer, home appliances
●
Winding type: layer
●
Coil former: vertical type - 14 pins
●
Material of coil former: GFR thermostatic plastic UL 94 V-0
●
Maximum temperature increase: 45° C
●
Maximum operating ambient temperature: 60° C
●
Mains insulation: according to EN60950
9.1
Electrical characteristics
●
Converter topology: flyback working in boundary mode
●
Minimum switching frequency: > 32 kHz
●
Lp = 5.8 mH
●
Np/Ns = 70.2
●
Reflected flyback voltage: 400 VDC
●
Core type: ETD29 - EPCOS
●
Core material: N87 from EPCOS or similar
●
Air gap: 0.60 mm
The design of the related power transformer has been further optimized by EGSTON
System Electronics Eggenburg GmbH, manufacturer of the transformer. The ordering type
is 39663.
Figure 29.
Electrical diagram of the transformer
AM003547
90 T
90 T
12 T
1
2
3
4
6
7
12
10
1/2 A
PRIMARY
1/2 B
PRIMARY
AUXILIARY
SECONDARY
3T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com