Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 23Page - STMicroelectronics AN2844 Datasheet HTML 24Page - STMicroelectronics AN2844 Datasheet HTML 25Page - STMicroelectronics AN2844 Datasheet HTML 26Page - STMicroelectronics AN2844 Datasheet HTML 27Page - STMicroelectronics AN2844 Datasheet HTML 28Page - STMicroelectronics AN2844 Datasheet HTML 29Page - STMicroelectronics AN2844 Datasheet HTML 30Page - STMicroelectronics AN2844 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AN2844
Bill of materials
27/37
28
1
R26
22
Ω
Resistor, SMD 0805
Vishay
29
1
R20
1.5
Ω
Resistor, SMD 1206
Vishay
30
1
R27
82 k
Ω
Resistor, SMD 0805
Vishay
31
1
R41
22 k
Ω
Resistor, SMD 0805
Vishay
32
1
R32
1 k
Ω
Resistor, SMD 0805
Vishay
33
2
R33, R34
3.9
Ω
Resistor 0207; 0.6 W
Vishay
34
1
R35
10 k
Ω
Resistor, SMD 0805
Vishay
35
1
R36
910
Ω
Resistor, SMD 0805
Vishay
36
1
R37
33 k
Ω
Resistor, SMD 0805
Vishay
37
1
R39
470
Ω
Resistor, SMD 0805
Vishay
38
1
R40
270 k
Ω
Resistor, SMD 0805
Vishay
39
2
R38, R42
10 k
Ω
Resistor, SMD 0805, 1%
Vishay
40
4
D1, D6, D8, D9
BAV103
Diode, miniMELF
Vishay
41
1
D4
STPS1150A
Diode, DO-214AC
STMicroelectronics
42
2
D2, D5
STTH112A
HV diode, SMA
STMicroelectronics
43
1
D3
STPS10L60D
Power Schottky rectifier, TO-220AC
STMicroelectronics
44
1
D7
BZV55C15SMD
Zener diode, SOD80, 15 V
Vishay
45
1
D10
BZV55C18SMD
Zener diode, SOD80, 18 V
Vishay
46
1
Q1
2STF1360
NPN transistor, SOT-89
STMicroelectronics
47
1
Q2
STC03DE220HV
ESBT, TO247-4L HV
STMicroelectronics
48
4
Q3, Q5, Q6, Q7
BC847
NPN transistor, SOT-23
FAIRCHILD
49
1
Q4
STP03D200
NPN Darlington, TO-220
STMicroelectronics
50
1
U1
L6565D
PWM smart driver, SO-8
STMicroelectronics
51
1
F1
Fuse 1 A
Fuse with holder, 1 A, slow
52
1
J1
Connector ARK
ARK
53
1
J2
ARK210/5 mm
Connector ARK
ARK
54
2
T1
EGSTON 39663
Transformer EGSTON ETD29 core
EGSTON
55
2
Het1, Het2
V7142A
Heatsink V7142A
PADA Engineering
Table 8.
Bill of materials (continued)
Index Quantity
Reference
Value/generic
part number
Package/class
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com