Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 18Page - STMicroelectronics AN2844 Datasheet HTML 19Page - STMicroelectronics AN2844 Datasheet HTML 20Page - STMicroelectronics AN2844 Datasheet HTML 21Page - STMicroelectronics AN2844 Datasheet HTML 22Page - STMicroelectronics AN2844 Datasheet HTML 23Page - STMicroelectronics AN2844 Datasheet HTML 24Page - STMicroelectronics AN2844 Datasheet HTML 25Page - STMicroelectronics AN2844 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Functional check
AN2844
22/37
5.2
Power-down
Figure 21 shows the reaction of the board when it is unplugged from the mains. The output
voltage as well as the auxiliary self-supply voltage have clear transitions with no glitches or
restart trials.
Figure 21.
Power-down at 125 VDC
5.3
Short-circuit tests
The following figures depict the board’s behavior when a short circuit occurs on the output
connector. Throughout the duration of a short-circuit condition, the output voltage is sensed
through logic circuits which contain Q6 and Q7 and the L6565 driver is shut down through
pin 5. Once all the energy from the C9 capacitor has been discharged, a logical stop reacts
on the output voltage and the board starts to operate normally. If the short-circuit condition
persists, the whole cycle repeats until the short-circuit condition stops. When a short-circuit
connection is removed, the converter starts to operate normally again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com