Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 15Page - STMicroelectronics AN2844 Datasheet HTML 16Page - STMicroelectronics AN2844 Datasheet HTML 17Page - STMicroelectronics AN2844 Datasheet HTML 18Page - STMicroelectronics AN2844 Datasheet HTML 19Page - STMicroelectronics AN2844 Datasheet HTML 20Page - STMicroelectronics AN2844 Datasheet HTML 21Page - STMicroelectronics AN2844 Datasheet HTML 22Page - STMicroelectronics AN2844 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AN2844
Electrical performances
19/37
:
Table 2.
Efficiency at 125 VDC
Load [A]
Pin [W]
POUT [W]
Eff [%]
0
0.27
0.00
0.00
0.2
1.85
0.97
52.43
0.5
3.70
2.45
66.22
0.8
5.62
3.91
69.57
1
6.94
4.88
70.32
1.2
8.27
5.84
70.62
1.5
10.31
7.27
70.51
2
13.94
9.64
69.15
2.5
17.80
11.96
67.19
3
21.93
14.28
65.12
Table 3.
Efficiency at 500 VDC
Load [A]
Pin [W]
POUT [W]
Eff [%]
00.470
0.00
0.2
2.07
0.97
46.86
0.5
4.2
2.46
58.57
0.8
6.19
3.94
63.65
1
7.44
4.9
65.86
1.2
8.7
5.87
67.47
1.5
10.62
7.31
68.83
2
13.89
9.68
69.69
2.5
17.2
11.99
69.71
3
20.57
14.3
69.52
Table 4.
Efficiency at 1000 VDC
Load [A]
Pin [W]
POUT [W]
Eff [%]
01.5
0
0.00
0.2
3.31
0.97
29.31
0.5
5.68
2.46
43.31
0.8
7.99
3.94
49.31
1
9.4
4.91
52.23
1.2
10.49
5.88
56.05
1.5
12.45
7.33
58.88
2
16.37
9.69
59.19
2.5
19.66
12.03
61.19
3
22.94
14.33
62.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com