Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2844 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2844 Datasheet HTML 24Page - STMicroelectronics AN2844 Datasheet HTML 25Page - STMicroelectronics AN2844 Datasheet HTML 26Page - STMicroelectronics AN2844 Datasheet HTML 27Page - STMicroelectronics AN2844 Datasheet HTML 28Page - STMicroelectronics AN2844 Datasheet HTML 29Page - STMicroelectronics AN2844 Datasheet HTML 30Page - STMicroelectronics AN2844 Datasheet HTML 31Page - STMicroelectronics AN2844 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PCB layout
AN2844
28/37
8
PCB layout
The application uses a standard double-layer coppered PCB with a copper thickness of 35
µm. The PCB is made of FR-4.
The board’s diameters are:
●
length: 124.2 mm
●
width: 65.9 mm
●
thickness of PCB: 1.55 mm
Figure 25.
Silk screen - top side
Figure 26.
Silk screen - bottom side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com